Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LO-RHO-F1206L

  • AI
    The **LO-RHO-F1206L** is a specific series of surface-mount (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuses. These components are designed to protect electronic circuits from overcurrent and short-circuit conditions. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Fundamental Function A PPTC acts like a non-linear resistor. Under normal operating conditions, it maintains a very low resistance (LO-RHO refers to "Low Rho" or low resistivity). If a fault occurs and current exceeds the trip limit, the internal polymer heats up, expands, and its resistance increases by several orders of magnitude, effectively "opening" the circuit. Once the fault is removed and the device cools, it resets to a low-resistance state. ### 2. Key Technical Specifications The "1206" in the part number refers to the physical package size (0.12 x 0.06 inches). | Parameter | Description | | :--- | :--- | | **$I_{hold}$ (Hold Current)** | The maximum current the device can carry without tripping. | | **$I_{trip}$ (Trip Current)** | The minimum current at which the device is guaranteed to switch to a high-resistance state. | | **$V_{max}$ (Maximum Voltage)** | The maximum voltage the device can withstand without damage when tripped. | | **$I_{max}$ (Maximum Interrupt Current)** | The maximum fault current the device can safely handle. | | **$P_d$ (Power Dissipation)** | Power consumed by the device when in a tripped state. | | **$R_{min} / R_{1max}$** | The initial resistance range before tripping and 1 hour after tripping. | --- ### 3. Features of the LO-RHO Series The "LO-RHO" designation specifically highlights high-performance characteristics compared to standard PPTCs: * **Ultra-Low Resistance:** These parts have significantly lower internal resistance than standard 1206 fuses. This minimizes voltage drops across the fuse, which is critical for battery-powered devices. * **Thermal Sensitivity:** Because they are "Low Rho," they generate less heat during normal operation, allowing for higher hold currents in a small 1206 footprint. * **Fast Time-to-Trip:** They respond quickly to overcurrent events to protect sensitive downstream components (like ICs or MOSFETs). ### 4. Typical Applications Due to their small size and low power loss, they are commonly found in: * **Mobile Electronics:** Smartphones, tablets, and wearables. * **USB Ports:** Protection for USB 2.0/3.0/Type-C power delivery. * **Li-ion Battery Packs:** Protection against external short circuits. * **HDMI/DisplayPort:** Protecting signal lines and power rails. --- ### 5. Part Number Breakdown Example * **LO-RHO:** Product Series (Low Resistivity PPTC). * **F:** Lead-free / RoHS Compliant. * **1206:** EIA Case Size (3216 Metric). * **L:** Packaging suffix (usually referring to Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PPTC and a standard one-time thermal fuse?
    • ⤷ How does ambient temperature affect the hold current of the LO-RHO-F1206L?
    • ⤷ What are the typical $I_{hold}$ ratings available for the 1206 size?