Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LP6304

  • AI
    The **LP6304** is a high-efficiency, synchronous step-down (buck) DC-DC converter typically used in portable electronics and power management systems. It is designed to convert a higher input voltage to a lower, stable output voltage with minimal energy loss. --- ### ## Technical Specifications Below are the primary electrical characteristics of the LP6304: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | 500kHz (Fixed) | | **Reference Voltage** | 0.8V (±2% Accuracy) | | **Efficiency** | Up to 95% | | **Package Type** | SOT-23-6 | --- ### ## Pin Configuration and Functions The LP6304 usually comes in a 6-pin SOT-23 package. Each pin serves a specific purpose in the regulation circuit: 1. **GND (Ground):** The common reference point for the circuit. 2. **SW (Switch):** The internal power switch output; connects to the external inductor. 3. **VIN (Input):** Supply voltage for the power switch and internal control circuitry. 4. **FB (Feedback):** Monitors the output voltage via a resistor divider to maintain regulation. 5. **EN (Enable):** Logic high turns the device on; logic low puts it into shutdown mode. 6. **BST (Bootstrap):** Provides gate drive voltage for the high-side MOSFET (requires a capacitor between BST and SW). --- ### ## Key Features * **Synchronous Rectification:** It integrates both high-side and low-side MOSFETs, eliminating the need for an external Schottky diode and increasing efficiency. * **Internal Soft-Start:** Reduces inrush current during startup to prevent voltage spikes. * **Protection Mechanisms:** * *Over-Current Protection (OCP):* Limits the peak current to protect the chip. * *Thermal Shutdown:* Turns off the device if the internal temperature exceeds a safe limit. * *Under-Voltage Lockout (UVLO):* Prevents the chip from operating if the input voltage is too low. * **Low ESR Output Capacitor Support:** Optimized for use with ceramic capacitors to save board space. --- ### ## Typical Application Circuit To use the LP6304, a few external components are required. The output voltage ($V_{OUT}$) is set by the feedback resistor divider ($R_1, R_2$): ```text Vout = 0.8V * (1 + R1/R2) ``` **Common Components Needed:** * **Inductor (L1):** Typically 2.2µH to 4.7µH for smoothing current. * **Input/Output Capacitors:** Ceramic capacitors for filtering noise. * **Bootstrap Capacitor:** Usually 0.1µF.
    ✨ Follow-up Questions
    • What are the recommended inductor values for a 5V output using the LP6304?
    • How does the LP6304 compare to the LM2596 in terms of efficiency?
    • Can the LP6304 be used for battery charging applications?