LR1012G-33-AF5-R
AI

The **LR1012G-33-AF5-R** is a low-dropout (LDO) linear regulator produced by UTC (Unisonic Technologies). It is designed to provide a stable 3.3V output for low-power electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its specific characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **LR1012G** | Series name (Low Dropout Linear Regulator) |
| **33** | Output Voltage (3.3 Volts) |
| **AF5** | Package Type (SOT-25 / SOT-23-5) |
| **R** | Packing style (Tape and Reel) |
---
### 2. Key Technical Specifications
These parameters define the operational limits and performance of the component:
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Max Output Current** | ~300mA to 600mA (Series dependent) |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
| **Quiescent Current** | Low power consumption, suitable for battery devices |
| **Operating Temp** | -40°C to +85°C |
---
### 3. Pin Configuration (SOT-25)
Standard pinout for this package type:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground.
3. **EN (Enable)**: High = On, Low = Shutdown.
4. **NC/BYP**: No connection or Bypass capacitor (depending on version).
5. **VOUT**: Regulated 3.3V Output.
---
### 4. Typical Applications
This part is commonly found in:
* **Battery-powered equipment:** Due to low quiescent current.
* **Microcontroller Power:** Providing clean 3.3V to MCUs like ESP32 or STM32.
* **Communication Modules:** Powering Wi-Fi or Bluetooth chips.
* **Post-regulation:** Cleaning up noise from Switching Power Supplies (SMPS).
---
### 5. Implementation Circuit
To use this part effectively, input and output capacitors are required for stability:
```text
[Input 5V] ---- [VIN] (LR1012G) [VOUT] ---- [Output 3.3V]
| |
[1uF Ceramic Cap] [2.2uF Ceramic Cap]
| |
[GND] --------------[GND]
```
- ⤷
What is the maximum input voltage for the LR1012G series?
- ⤷ How does the 'Enable' pin function in battery-saving modes?
- ⤷ What are the pin-compatible alternatives for this LDO?