LR1102AG-27-AF5-R
AI

The **LR1102AG-27-AF5-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable fixed output voltage with high precision and low noise.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the LR1102AG-27-AF5-R:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 2.7V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Maximum Output Current** | 300mA |
| **Dropout Voltage** | Low (Typ. 200mV @ 100mA) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Quiescent Current** | ~50µA |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify specific features of this variant:
* **LR1102**: Base series name (High-speed LDO).
* **A**: Accuracy / Version identifier (usually ±2%).
* **G**: Halogen-free and RoHS compliant (Green).
* **27**: Fixed Output Voltage of **2.7V**.
* **AF5**: Package code for **SOT-25** (also known as SOT-23-5).
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (SOT-25)
Standard pinout for this regulator type:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **CE (or EN)**: Chip Enable (Active High). If pulled low, the device enters standby mode.
4. **NC / BP**: No Connection or Bypass (often used for a noise-reduction capacitor).
5. **VOUT**: Regulated Output Voltage (2.7V).
---
### 4. Core Features and Applications
#### Features:
- **Low Dropout:** Ensures the device can regulate 2.7V even when the input voltage is only slightly higher (e.g., 2.9V).
- **Built-in Protection:** Includes thermal shutdown and current limiting to prevent damage during fault conditions.
- **Enable Function:** Allows the system to turn off the regulator to save power in battery-operated devices.
#### Common Applications:
- **Battery-powered equipment:** Cell phones, PDAs, and handheld scanners.
- **Low-voltage logic:** Providing stable rails for microcontrollers (MCUs) or RF modules requiring exactly 2.7V.
- **Noise-sensitive circuits:** Due to its linear nature, it provides cleaner power than switching regulators.
---
### 5. Typical Application Circuit
```mermaid
graph LR
A[Input Vin] --> B(C1: 1uF)
B --> C[LR1102AG Pin 1]
C --> D[LR1102AG Pin 5]
D --> E(C2: 1uF)
E --> F[Output 2.7V]
G[GND] --- B
G --- E
```
*Note: It is recommended to use ceramic capacitors (at least 1µF) at both input and output for stability.*
- ⤷What is the difference between the LR1102 and the LR1106 series?
- ⤷ Can this LDO be used with a 5V input source for a 2.7V output?
- ⤷ What are the thermal considerations when drawing the full 300mA?