Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LS5420-R

  • AI
    ### Overview of the LS5420-R The **LS5420-R** is a high-performance, point-of-sale (POS) barcode scanner, typically part of the Honeywell/Metrologic Stratos series. These devices are "bi-optic" scanners, meaning they utilize two scanning planes (horizontal and vertical) to read barcodes from multiple angles simultaneously. --- ### Key Electronic Components and Features The LS5420-R integrates several sophisticated electronic subsystems to ensure high-speed data capture in retail environments: | Component | Description | | :--- | :--- | | **Laser Diode System** | Uses a 650 nm visible laser diode (VLD). It generates multiple scan lines to create a dense 360° omnidirectional pattern. | | **Motor Assembly** | High-speed rotating polygon mirrors that deflect laser beams across the scanning windows. | | **Decoding Microprocessor** | An onboard dedicated ASIC (Application-Specific Integrated Circuit) that processes analog signals from the photo-detectors and converts them into digital data. | | **Interface Controller** | Supports multiple communication protocols including RS232, IBM 468x/469x, and Keyboard Wedge (PS/2). | | **EAS Integration** | Includes electronics to interface with Electronic Article Surveillance (EAS) systems to deactivate security tags while scanning. | --- ### Technical Specifications Below are the primary electronic and operational specifications: * **Input Voltage:** 5.2 VDC ± 0.25 V * **Operating Power:** 3.8 W (approx. 725 mA @ 5.2 V) * **Standby Power:** 1.2 W (approx. 230 mA @ 5.2 V) * **Laser Class:** Class 1 (IEC60825-1); compliant with safety standards. * **Scan Speed:** Typically 5400 scan lines per second (total across all planes). --- ### Connectivity and Pinout Logic The LS5420-R uses a modular cable system to adapt to different host systems. The internal electronics handle signal conversion based on the cable detected. ```yaml Standard Interface Support: - RS232: Serial communication for PC-based POS. - Light Pen Emulation: For legacy systems. - Keyboard Wedge: Direct input into text fields. - USB (via conversion): Modern connectivity support. ``` --- ### Maintenance and Troubleshooting Electronics 1. **Optical Sensors:** If the scanner fails to "wake up," the IR (Infrared) object detection circuit may be dirty or faulty. 2. **Motor Failure:** A high-pitched whine or a "Motor Error" beep code usually indicates the polygon mirror motor is failing or stuck. 3. **Firmware:** The device contains Flash ROM, allowing for electronic updates to support new barcode symbologies (like GS1 DataBar).
    ✨ Follow-up Questions
    • ⤷ What are the specific beep codes for troubleshooting LS5420-R hardware failures?
    • ⤷ How do I configure the RS232 communication parameters for this model?
    • ⤷ Can the LS5420-R be upgraded to read 2D barcodes like QR codes?