LSMH-2012-R18S-T
AI

The **LSMH-2012-R18S-T** is a surface-mount (SMD) power inductor commonly used in compact electronic devices for power management and signal filtering.
---
## 1. Technical Specifications
The part number follows a standardized naming convention that describes its physical size and electrical characteristics.
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | SMD Wire-wound Power Inductor |
| **Inductance** | 0.18 µH (R18) |
| **Tolerance** | ±20% (S) |
| **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Case Size (Imperial)** | 0805 |
| **Packaging** | Tape & Reel (T) |
---
## 2. Key Electronic Features
### High Current Handling
Despite its small 0805 footprint, these inductors are designed with a low DC Resistance (DCR). This allows them to handle relatively high rated currents without significant overheating, making them ideal for DC-DC converter circuits.
### Magnetic Shielding
Parts in the "LSMH" series are typically **semi-shielded**. This construction uses a magnetic resin coating over the wire windings.
* **Benefit:** It reduces electromagnetic interference (EMI) and prevents the inductor from affecting nearby sensitive components on the PCB.
### Low Profile
The "2012" size indicates a very small footprint (2.0mm length), which is essential for high-density circuit boards found in smartphones, tablets, and wearable technology.
---
## 3. Common Applications
This specific inductor is generally used in high-frequency switching environments:
1. **Buck/Boost Converters:** Used as an energy storage element in voltage regulation modules.
2. **Smartphones/Tablets:** Powering CPU cores or display backlights where space is limited.
3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power supply lines.
---
## 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **LSMH** | Manufacturer Series (Low profile, semi-shielded power inductor) |
| **2012** | Dimensions (2.0mm x 1.25mm) |
| **R18** | Inductance Value (R denotes decimal: 0.18 microhenries) |
| **S** | Tolerance (S = ±20%) |
| **T** | Packaging (T = Tape & Reel) |
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ How does a semi-shielded inductor compare to a fully shielded one in terms of EMI?
- ⤷ Can this inductor be used in high-temperature automotive applications?