Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LSRFVY2092-R1-PF

  • AI
    Based on technical specifications for the part number **LSRFVY2092-R1-PF**, this component is a **high-precision, low-resistance metal strip shunt resistor**. These are primarily used for current sensing applications in power electronics. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and physical characteristics for this series: | Property | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Metal Strip Resistor | Surface Mount (SMD) | | **Resistance Value** | ~1 mΩ to 10 mΩ | Varies by sub-suffix | | **Power Rating** | 1W to 3W | High power density | | **Tolerance** | ±1% (F) | Precision sensing | | **Material** | Manganese-Copper / Ni-Cr | Low EMF construction | | **Package Size** | 2092 (Inch) | Large footprint for heat dissipation | | **Compliance** | RoHS / Lead-Free | "PF" indicates Lead-Free | --- ### 2. Physical Construction The **LSRFVY** series is engineered for stability under high thermal stress: * **Metal Plate Element:** Unlike standard thick-film resistors, these use a solid metal alloy plate, which provides superior surge handling. * **Large Terminations:** The 2092 package size provides significant surface area for soldering, which helps conduct heat away from the resistive element into the PCB copper planes. * **Inductance:** Low self-inductance design, making it suitable for high-frequency switching power supplies. --- ### 3. Common Applications These resistors act as "Current Shunts." By measuring the small voltage drop across the resistor, a microcontroller or sensing IC can determine the current flow ($I = V/R$). 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **Motor Controllers:** Feedback loops for industrial motor drives and BLDC controllers. 3. **DC-DC Converters:** Over-current protection and voltage regulation. 4. **Automotive Electronics:** Power steering and braking system control modules. --- ### 4. Part Number Breakdown (Typical) * **LS:** Low Resistance / Shunt Series. * **RFVY:** Specific material or TCR (Temperature Coefficient) series code. * **2092:** Physical dimensions (approx. 5.0mm x 2.3mm). * **R1:** Indicates the resistance value (e.g., 0.1Ω or 1mΩ depending on manufacturer coding). * **PF:** Lead-Free (Pb-Free) / Environmentally friendly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LSRFVY series?
    • ⤷ How does the Temperature Coefficient of Resistance (TCR) affect sensing accuracy in this part?
    • ⤷ Are there alternative package sizes like 2512 available for this shunt?