M24C01-RCT3TP/S
AI

### Overview of M24C01-RCT3TP/S
The **M24C01-RCT3TP/S** is a specific variant of the M24C01 series manufactured by STMicroelectronics. It belongs to a family of I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM) devices.
---
### Technical Specifications
Below are the primary electronic characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 x 8 bits) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Operating Voltage (Vcc)** | 1.7V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Data Retention** | > 40 Years |
| **Endurance** | 1 Million Write Cycles |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
---
### Key Internal Components
The internal architecture consists of several critical functional blocks:
1. **Memory Array:** The core 1024-bit storage organized as 128 bytes.
2. **I²C Control Logic:** Handles the start/stop conditions, device addressing, and acknowledgment bits.
3. **Address Register:** Tracks the current memory location being accessed.
4. **Voltage Regulator/Charge Pump:** Generates the high voltage required internally to erase and write data to the EEPROM cells, even when the input voltage is low (1.7V).
5. **Write Protection Logic:** Prevents accidental data overwriting when the Write Control (WC) pin is held high.
---
### Pin Configuration
Typically, this device is found in small form-factor packages like SOT23-5 or TSSOP8.
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **SDA** | Serial Data | Bi-directional pin for data transfer. |
| **SCL** | Serial Clock | Input for clock synchronization. |
| **Vcc** | Power Supply | Positive supply voltage. |
| **Vss** | Ground | Circuit ground. |
| **WC** | Write Control | Hardware write protection (Connect to Vcc to protect, Vss to enable writing). |
---
### Part Number Breakdown
The suffixing provides information about the specific packaging and grade:
* **M24C01**: Base Part (1 Kbit I²C EEPROM).
* **-R**: Indicates 1.8V to 5.5V supply range.
* **CT**: Specific process technology/die revision.
* **3**: Automotive Grade 3 (-40 to +125 °C).
* **TP**: Tape & Reel packaging.
* **S**: Indicates specific assembly/testing compliance (often relating to halogen-free or specific automotive standards).
---
### Implementation Example (Pseudo-code)
To read a byte from the memory, an MCU would send the following sequence:
```c
// Start I2C Communication
I2C_Start();
// Send Device Address (Write Mode)
I2C_Write(0xA0);
// Send Memory Address
I2C_Write(0x05);
// Restart and Send Device Address (Read Mode)
I2C_Start();
I2C_Write(0xA1);
// Receive Data
uint8_t data = I2C_Read_NACK();
I2C_Stop();
```
- ⤷
What are the main differences between the M24C01 and M24C02 models?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Is this specific model suitable for space or high-radiation environments?