M24C01-RCT6TP/S
AI

## M24C01-RCT6TP/S: Electronic Parts Overview
The **M24C01-RCT6TP/S** is a specific variant of an Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is part of the M24 family, which uses the I²C (Inter-Integrated Circuit) serial interface.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 bytes) |
| **Interface** | I²C Serial (Two-wire) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT23-5 (Small Outline Transistor) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Pinout Configuration (SOT23-5)
Because this is a 5-pin SOT23 package, the pin assignment is more compact than standard 8-pin variants.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **SCL** | Serial Clock |
| 2 | **Vss** | Ground |
| 3 | **SDA** | Serial Data (Bidirectional) |
| 4 | **Vcc** | Supply Voltage |
| 5 | **WC** | Write Control (Hardware Write Protection) |
---
### 3. Core Functionality
* **Non-Volatile Storage:** It retains data even after power is removed. It is primarily used for storing configuration settings, calibration data, or small look-up tables.
* **Write Protection (WC):** When the `WC` pin is driven High, the entire memory contents become protected against write instructions. When driven Low, the memory can be written to.
* **Byte and Page Write:** It supports writing a single byte at a time or a "page" (up to 8 bytes) in a single write cycle.
---
### 4. Part Number Breakdown
The suffix **RCT6TP/S** provides specific manufacturing and packaging details:
* **M24C01**: 1 Kbit I²C Serial EEPROM.
* **R**: Operating voltage range (1.8V to 5.5V).
* **C**: SOT23-5 package.
* **T**: Industrial temperature range (-40°C to +85°C).
* **6**: Indicates the device is Lead-free and Halogen-free (RoHS compliant).
* **TP**: Tape and Reel packaging (standard for automated SMT assembly).
* **/S**: Usually denotes a specific "Shrink" process or a specialized manufacturing flow (sometimes indicating specific automotive or high-reliability testing).
---
### 5. Implementation Example
To communicate with this chip using a microcontroller, you typically use a standard I²C library. Below is a conceptual logic for a "Byte Write" operation:
```c
// Example I2C Sequence for M24C01
1. START Condition
2. Send Device Address (0xA0 for Write)
3. Send Memory Address (0x00 to 0x7F)
4. Send Data Byte
5. STOP Condition
```
- ⤷
What are the differences between M24C01 and M24C02 memory capacities?
- ⤷ How does the 'WC' pin function if left floating?
- ⤷ Can this EEPROM be used in 1.8V low-power mobile applications?