M24C01-RDS6TP/W
AI

## Technical Overview: M24C01-RDS6TP/W
The **M24C01-RDS6TP/W** is a specific variant of the M24C01 series manufactured by **STMicroelectronics**. It is a 1-Kbit serial I²C Bus EEPROM (Electrically Erasable Programmable Memory).
This component is widely used for storing small amounts of configuration data, parameters, or identification information in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 x 8 bits) |
| **Interface** | I²C (Two-wire serial interface) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Endurance** | 4 Million Write Cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
### 2. Breakdown of the Part Number
Understanding the suffix helps identify the specific physical and chemical properties of the chip:
* **M24C01**: Base part number for the 1-Kbit I²C EEPROM.
* **R**: Indicates the operating voltage range (1.8V to 5.5V).
* **D**: Refers to the "Additional Write Lockable Page" feature (not always applicable, check datasheet for specific die revisions).
* **S**: Indicates the TSSOP8 package (3mm width).
* **6**: Temperature range (-40°C to +85°C).
* **TP**: Tape & Reel packaging for automated assembly.
* **W**: High reliability/Process technology code (often refers to a specific wafer process).
---
### 3. Pin Configuration (TSSOP8)
```text
TSSOP8 Pinout
+---+--+---+
E0 |1 +--+ 8| Vcc
E1 |2 7| WC (Write Control)
E2 |3 6| SCL (Serial Clock)
Vss |4 5| SDA (Serial Data)
+----------+
```
* **E0, E1, E2:** Chip Enable inputs (used to define the device address on the I²C bus).
* **SDA:** Serial Data (Bidirectional).
* **SCL:** Serial Clock (Input).
* **WC:** Write Control. If connected to Vcc, write operations are inhibited (hardware write protection). If connected to Vss, the memory is writeable.
* **Vcc/Vss:** Power supply and Ground.
---
### 4. Application Usage
Because of its small footprint and low power consumption, this part is ideal for:
1. **Device Identification:** Storing MAC addresses or serial numbers.
2. **Calibration Data:** Storing sensor offset values.
3. **User Preferences:** Saving volume settings or display brightness on power-down.
- ⤷
What is the maximum I2C bus speed supported by this EEPROM?
- ⤷ How does the Write Control (WC) pin function for data protection?
- ⤷ Can multiple M24C01 chips be used on the same I2C bus?