Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M24C64-RMB3TP

  • AI
    ## Overview of the M24C64-RMB3TP The **M24C64-RMB3TP** is a high-performance, low-voltage **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for non-volatile data storage in consumer electronics, industrial sensors, and medical devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-Thin Fine Pitch Dual Flat No-Lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Components The internal architecture of the M24C64-RMB3TP consists of several critical blocks: 1. **Memory Array**: The core storage area organized as 8192 bytes. 2. **I²C Control Logic**: Handles the start/stop conditions, device addressing, and acknowledgment bits. 3. **Address Register**: Points to the specific byte being read from or written to. 4. **Write Protection (WC)**: A hardware pin that, when held high, prevents any write instructions to the memory, protecting data from accidental corruption. 5. **Page Write Buffer**: Allows writing up to 32 bytes in a single write cycle, significantly improving data throughput. --- ### 3. Pin Configuration (UFDFPN8) | Pin Name | Description | | :--- | :--- | | **E0, E1, E2** | Chip Enable inputs (used to define the I²C device address). | | **SDA** | Serial Data (Bidirectional). | | **SCL** | Serial Clock. | | **WC** | Write Control (Hardware Write Protection). | | **Vcc** | Power Supply. | | **Vss** | Ground. | --- ### 4. Communication Protocol Example To interact with the M24C64, a microcontroller typically sends a sequence of bytes. Below is a conceptual example of a Write operation: ```c // Pseudo-code for I2C Byte Write I2C_Start(); I2C_Send_Byte(0xA0); // Device Address + Write Bit I2C_Send_Byte(0x00); // Address High Byte I2C_Send_Byte(0x20); // Address Low Byte I2C_Send_Byte(0x42); // Data Byte to be stored I2C_Stop(); ``` --- ### 5. Application Benefits * **Power Efficiency**: The low voltage range (1.8V) makes it ideal for battery-operated handheld devices. * **Reliability**: With 4 million write cycles, it outlasts standard flash memory in applications requiring frequent data logging. * **Small Footprint**: The UFDFPN8 package is extremely thin, saving PCB space in compact designs like smartwatches or IoT modules.
    ✨ Follow-up Questions
    • ⤷ How does the hardware Write Control (WC) pin differ from software write protection?
    • ⤷ What are the specific timing requirements for the I2C Fast Mode Plus (1MHz) on this chip?
    • ⤷ Can multiple M24C64 chips be connected to the same I2C bus?