Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M24C64-RMB5TGA

  • AI
    The **M24C64-RMB5TG** is a high-performance, 64-Kbit serial I2C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is specifically designed for low-voltage applications. --- ## 1. Technical Specifications Below is a summary of the core electronic parameters for this specific part: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C (Two-wire serial) | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ## 2. Pin Configuration (UFDFPN8) The device uses an 8-pin layout to handle communication and device addressing: 1. **E0, E1, E2:** Chip Enable inputs. These allow up to 8 devices to share the same I2C bus by setting unique hardware addresses. 2. **Vss:** Ground. 3. **SDA:** Serial Data. Bi-directional pin used to transfer data in and out. 4. **SCL:** Serial Clock. Provides the timing for data transfer. 5. **WC:** Write Control. A hardware protection pin. If tied to $V_{CC}$, the memory is write-protected. 6. **Vcc:** Power Supply. --- ## 3. Key Electronic Features ### A. I²C Protocol Support The device acts as a "Slave" on the bus. It supports: * **Byte Write:** Writing a single byte to a specific address. * **Page Write:** Writing up to 32 bytes in a single instruction, significantly increasing throughput. * **Random/Sequential Read:** Flexible data retrieval methods. ### B. Write Protection The **WC (Write Control)** pin is a critical safety feature. When driven high, it inhibits all write operations to the EEPROM, preventing accidental data corruption due to noise or software bugs. ### C. Low Power Consumption Designed for battery-operated devices, it features: * **Active Read Current:** < 2 mA * **Standby Current:** < 1 µA (at 1.8V) --- ## 4. Part Number Breakdown (M24C64-RMB5TG) * **M24:** I²C family of EEPROMs. * **C64:** 64 Kbit density. * **-R:** Operating voltage range of 1.8V to 5.5V. * **MB:** UFDFPN8 package (2x3 mm). * **5:** Indicates Device Grade 5 (Operating temperature -40 to +85 °C). * **TG:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by this chip?
    • ⤷ How does the Write Control (WC) pin function in a circuit?
    • ⤷ What are the advantages of the UFDFPN8 package over standard SO8 packages?