Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M24C64-RMB5TGP

  • AI
    The **M24C64-RMB5TGP** is a high-performance, low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for parameter storage in mobile devices, medical electronics, and industrial sensors. --- ## 1. Technical Specifications The following table summarizes the core electrical and physical parameters of the device: | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temp Range** | -40°C to +85°C | | **Write Cycles** | 4 Million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ## 2. Key Features and Functions ### A. I²C Serial Interface The device operates as a "Slave" on the I²C bus. It supports: * **Byte Write:** Writing a single byte to a specific address. * **Page Write:** Writing up to 32 bytes in a single write cycle, which improves efficiency. * **Random/Sequential Read:** Flexible methods to retrieve stored data. ### B. Hardware Write Protection (WC) The `WC` (Write Control) pin provides hardware-level security. * If **WC is High**, the entire memory becomes read-only. * If **WC is Low**, the memory can be written to normally. ### C. Low Power Consumption Designed for battery-operated devices, it features: * Active Read Current: < 2 mA * Standby Current: < 1 µA (at 1.8V) --- ## 3. Package and Ordering Information (Decoding the Suffix) The suffix **RMB5TGP** provides specific manufacturing details: | Suffix Code | Meaning | | :--- | :--- | | **R** | Operating Voltage: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2 x 3 mm) | | **5** | Temperature Grade: -40°C to +85°C | | **TG** | Packing: Tape & Reel | | **P** | Process/Eco-friendly: Lead-free and RoHS compliant | --- ## 4. Typical Application Circuit When integrating this part into a PCB design, the following connections are standard: ```text Vcc (1.8V-5.5V) ---- [0.1uF Capacitor] ---- GND SCL (Clock) ---- [4.7k Pull-up Resistor] ---- Vcc SDA (Data) ---- [4.7k Pull-up Resistor] ---- Vcc WC (Write Ctrl) ---- Connected to GND (for write access) A0, A1, A2 ---- Address pins (determines I2C Slave Address) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by the M24C64-R?
    • ⤷ How does the 'Page Write' function impact the lifespan of the EEPROM?
    • ⤷ What are the common alternatives to the UFDFPN8 package for this chip?