Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M24C64-RMB5TPP

  • AI
    The **M24C64-RMB5TG** (noting the specific suffix variation typical for this series) is a 64-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Memory). It is widely used for parameter storage, configuration data, and low-power logging in consumer electronics and industrial applications. --- ## 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbits (8,192 x 8 bits) | | **Interface** | I2C (Two-Wire Serial) | | **Clock Frequency** | up to 1 MHz (Fast-mode Plus) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V (R-suffix range) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | | **Operating Temp** | -40°C to +85°C | --- ## 2. Pin Configuration and Functions The device is typically housed in small footprints like **UFDFPN8** or **TSSOP8**. The pinout generally follows the standard I2C EEPROM mapping: 1. **E0, E1, E2 (Address Inputs):** Used to set the hardware chip address. This allows up to 8 such devices to be connected to the same I2C bus. 2. **Vss:** Ground. 3. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. 4. **SCL (Serial Clock):** Used to synchronize data movements. 5. **WC (Write Control):** A hardware protection pin. If tied to Vcc, write operations are disabled. If tied to Vss, the entire memory is write-enabled. 6. **Vcc:** Supply voltage. --- ## 3. Core Technical Features ### Byte and Page Write The M24C64 allows for single-byte writing or **Page Write** operations of up to 32 bytes. Using Page Write is more efficient as it reduces the overall time needed to update large blocks of data. ### Low Power Consumption Designed for battery-operated devices, it features: * **Active Read Current:** < 2 mA * **Standby Current:** < 1 µA (at 1.8V) ### Reliability Features * **Schmitt Triggers:** Inputs are filtered to suppress noise on the SCL and SDA lines. * **Internal Error Correction Code (ECC):** The device includes internal logic to detect and correct single-bit errors, significantly boosting the 4-million-cycle endurance rating. --- ## 4. Usage in Circuit Design ```cpp // Example: Conceptual I2C Write logic // 1. Send Device Address (e.g., 0xA0) // 2. Send 2-byte Memory Address (0x0000 to 0x1FFF) // 3. Send Data Byte // 4. Wait for Internal Write Cycle (max 5ms) ``` To ensure stable operation, it is recommended to place a **0.1µF decoupling capacitor** as close to the Vcc pin as possible and use **pull-up resistors** (typically 4.7kΩ to 10kΩ) on the SDA and SCL lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M24C64 and the M24C32 models?
    • ⤷ How does the Write Control (WC) pin behave if left floating?
    • ⤷ Can this EEPROM be used with a 5V Arduino system?