Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M24C64-RMB6TPA

  • AI
    The **M24C64-RMB6TG** (often referred to within the M24C64 series) is a 64-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used for parameter storage in consumer electronics, industrial applications, and medical devices. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbits (8192 x 8 bits) | | **Interface** | I2C (Serial 2-Wire) | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V (Standard R range) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Operating Temp** | -40°C to +85°C | --- ### 2. Pinout Configuration and Functions The device typically comes in an 8-pin package (such as UFDFPN8 or TSSOP8). * **E0, E1, E2:** Address inputs. These pins allow you to connect up to 8 M24C64 devices on the same I2C bus by hardware-coding their unique addresses. * **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. * **SCL (Serial Clock):** The clock input used to synchronize data transfer. * **WC (Write Control):** A hardware protection pin. If connected to $V_{CC}$, write operations are inhibited (read-only mode). If connected to $V_{SS}$ (Ground), the entire memory is write-enabled. * **Vcc/Vss:** Power supply and Ground. --- ### 3. Core Features * **Byte and Page Write:** Supports writing a single byte or a full page of up to 32 bytes at once, which optimizes programming time. * **Random and Sequential Read:** Data can be accessed from a specific address or read continuously from the current address. * **Enhanced ESD Protection:** Designed to withstand high electrostatic discharge, making it robust for industrial environments. * **Low Power Consumption:** * Active Read current: < 1 mA. * Standby current: < 3 µA (at 1.8V). --- ### 4. Part Number Breakdown (Suffix Logic) The specific code **M24C64-RMB6TG** breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **M24** | I2C Serial Access EEPROM | | **C64** | 64 Kbit Density | | **-R** | Voltage range: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (Ultra thin fine pitch dual flat no lead) | | **6** | Temperature: Industrial (-40 to +85 °C) | | **T / P** | Tape & Reel Packing / Lead-free process | --- ### 5. Typical Application Circuit ```c // Pseudo-code for writing to the M24C64 Start_I2C(); Send_Address(0xA0); // Device Address + Write Bit Send_Word_Address(0x00); // Memory Address High Byte Send_Word_Address(0x01); // Memory Address Low Byte Send_Data(0x55); // Data to store Stop_I2C(); ```
    ✨ Follow-up Questions
    • ⤷ How does the Write Control (WC) pin function differently from software write protection?
    • ⤷ Can I use multiple M24C64 chips on the same I2C bus
    • ⤷ and how is that addressed?
    • ⤷ What are the advantages of using the UFDFPN8 package over the standard TSSOP8?