M2AC-A26-R2/CE
AI

The **M2AC-A26-R2/CE** is a high-performance industrial servo motor typically manufactured by **Sanyo Denki** as part of their **SANMOTION R** series. These motors are designed for high-speed, high-precision motion control in automation environments.
---
### 1. Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the M2AC-A26-R2/CE:
| Parameter | Specification |
| :--- | :--- |
| **Series** | SANMOTION R (AC Servo Motor) |
| **Rated Output** | 200W - 400W (varies by frame size configuration) |
| **Input Voltage** | AC 200V - 230V |
| **Rated Speed** | 3000 RPM |
| **Maximum Speed** | 5000 - 6000 RPM |
| **Encoder Type** | Incremental (Standard) or Absolute |
| **Protection Rating** | IP65 (Dust and water jet resistant) |
| **Certification** | CE Marked (European Conformity) |
---
### 2. Key Electronic Components
#### A. Stator and Windings
The core electronic mechanism consists of a **permanent magnet synchronous motor (PMSM)** design.
* **3-Phase Windings:** Uses high-density copper windings to generate a rotating magnetic field.
* **Insulation Class:** Typically Class B or F, allowing the motor to withstand internal temperatures generated during high-torque cycles.
#### B. Encoder System
The "R2" designation often refers to the feedback system integrated into the rear of the motor.
* **Resolution:** High-resolution optical or magnetic encoders provide real-time position and velocity data to the servo drive.
* **Communication:** Uses a serial or parallel interface to communicate with Sanyo Denki drives (e.g., RS2 or RS3 series).
#### C. Connector Interface
The unit uses specialized industrial connectors to ensure signal integrity:
* **Power Connector:** 3-phase (U, V, W) + Ground.
* **Encoder Connector:** Multi-pin connector for power supply to the encoder and differential signal output.
---
### 3. Application Use Cases
Due to its CE certification and precise feedback, this motor is commonly used in:
1. **Semiconductor Manufacturing:** Wafer handling and precision positioning.
2. **Packaging Machinery:** High-speed labeling and filling.
3. **CNC Tooling:** Small-scale milling and automatic tool changers.
---
### 4. Integration Logic (Simplified Pseudo-code)
To control this motor via a PLC or Controller, the logic typically follows this structure:
```python
# Conceptual logic for Motor Control via Servo Drive
def control_motor(target_position, target_velocity):
# 1. Check for Drive Ready Signal
if drive.status == "READY":
# 2. Set Motion Parameters
drive.write_register("TARGET_POS", target_position)
drive.write_register("VELOCITY", target_velocity)
# 3. Enable Servo (Servo ON)
drive.enable()
# 4. Execute Motion
drive.start_move()
else:
return "ERROR: Drive not ready"
```
- ⤷
What is the compatible Sanyo Denki servo drive model for this motor?
- ⤷ How do I troubleshoot an encoder communication error on this series?
- ⤷ What is the difference between the R1 and R2 variants in the SANMOTION series?