Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AC-A2B-R/Q

  • AI
    The **M2AC-A2B-R/Q** is a high-performance, industry-standard component typically associated with **Solid State Relays (SSR)** or specialized industrial interface modules, often manufactured by brands like Omron or within specific power management series. Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This part is designed as a modular interface component, often used for switching AC loads via a DC control signal. It provides optical isolation to protect sensitive control circuitry (like PLCs or Microcontrollers) from high-voltage AC power lines. ### 2. Technical Specifications The following table outlines the typical electrical parameters for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage (Control)** | 4 - 32 VDC | Range required to trigger the relay. | | **Output Voltage (Load)** | 75 - 264 VAC | Standard AC line voltage switching capacity. | | **Rated Current** | 2A - 5A | Maximum continuous current (varies by heatsink). | | **Switching Type** | Zero-Cross | Reduces EMI by switching at 0V AC. | | **Isolation** | Photocoupler | Optical separation between input and output. | | **Dielectric Strength** | 2,500 VAC | Voltage threshold before insulation failure. | --- ### 3. Key Electronic Features #### A. Zero-Cross Switching The "R/Q" variants often feature **Zero-Cross** technology. This means the device waits for the AC sine wave to pass through zero volts before turning on. * **Benefit:** Minimizes electrical noise (EMI) and prevents high inrush currents that can damage sensitive electronics. #### B. Phototriac Isolation The internal circuitry utilizes a **Phototriac**. When the DC input side is energized, an internal LED lights up, triggering a light-sensitive Triac on the AC side. There is no physical contact, leading to: * Unlimited switching cycles (no mechanical wear). * High-speed response times. #### C. Snubber Circuit Most units in this family include an internal **RC Snubber**. This protects the internal semiconductor from "dv/dt" (sudden voltage spikes) that occur when switching inductive loads like motors or solenoids. ### 4. Typical Applications * **PLCs:** Interfacing 24V logic to 220V actuators. * **Temperature Controllers:** Rapidly pulsing heaters (PID control) without clicking noises. * **Industrial Automation:** Controlling small AC motors, valves, or lamps. --- ### 5. Wiring Diagram (Simplified) ```mermaid graph LR A[DC Input +] --- B[Internal LED] B --- C[DC Input -] D[AC Line] --- E[Internal Triac] E --- F[AC Load] subgraph Isolation Barrier B -. Light Signal .-> E end ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between Zero-Cross and Random switching in this series?
    • ⤷ How should a heatsink be sized for the M2AC series under maximum load?
    • ⤷ What is the recommended protection fuse type for the output side?