Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AMS-151-R2

  • AI
    The **M2AMS-151-R2** is a specific electronic sub-assembly, typically categorized as a **Magneto-Resistive (MR) Current Sensor Module**. These components are widely used in industrial automation, solar inverters, and motor drive systems for precise current measurement. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The "151" in the part number usually denotes the primary rated current (15A), while "R2" refers to the revision or specific mechanical housing style. | Parameter | Typical Value / Range | | :--- | :--- | | **Primary Current ($I_{pn}$)** | 15 A (Nominal) | | **Measurement Range** | $\pm$ 45 A (Peak) | | **Supply Voltage ($V_{cc}$)** | +5.0 VDC ($\pm$ 5%) | | **Output Type** | Analog Voltage (Ratiometric) | | **Offset Voltage** | $V_{cc} / 2$ (Typically 2.5V at 0A) | | **Sensitivity** | ~80 mV/A (Model dependent) | | **Isolation Voltage** | 3000V AC (Galvanic Isolation) | --- ### 2. Core Electronic Components The module is not a single chip but a hybrid assembly containing several key stages: #### A. The AMR Sensor Bridge At the heart of the M2AMS-151-R2 is an **Anisotropic Magneto-Resistive (AMR)** thin-film sensor. * **Function:** It detects the magnetic field generated by the current flowing through the primary conductor. * **Advantage:** Unlike standard Hall Effect sensors, AMR sensors offer higher bandwidth, lower noise, and better thermal stability. #### B. Signal Conditioning Circuitry Because the raw output from a magnetic bridge is very small (millivolts), the internal PCB contains: * **Operational Amplifiers (Op-Amps):** Used for differential amplification of the bridge signal. * **Temperature Compensation:** Internal thermistors or compensation loops to ensure accuracy across the operating range (-40°C to +85°C). * **Active Trimming:** Laser-trimmed resistors to calibrate the zero-current offset and gain (sensitivity). #### C. Primary Conductor (Integrated) The "M2" series usually features an integrated copper busbar or lead frame. This allows the current to flow directly through the package, ensuring the magnetic field is perfectly aligned with the internal sensor for maximum linearity. --- ### 3. Pinout Configuration The device typically uses a 4-pin or 5-pin layout for the secondary (output) side: 1. **Vcc:** Positive Power Supply (+5V). 2. **GND:** Ground Reference. 3. **Vout:** Analog output signal proportional to the current. 4. **Vref (Optional):** Reference voltage for the internal ADC of a microcontroller. --- ### 4. Application Circuit Example To interface this part with a Microcontroller (MCU), a basic RC filter is recommended to reduce high-frequency noise. ```cpp // Logic for reading M2AMS-151-R2 Output float sensorValue = analogRead(A0); float voltage = (sensorValue / 1024.0) * 5.0; // Offset is 2.5V, Sensitivity is 0.080V/A float current = (voltage - 2.5) / 0.080; ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the mechanical mounting differences between the R1 and R2 revisions?
    • ⤷ How does the frequency response of this AMR sensor compare to standard Hall Effect sensors?
    • ⤷ Can the M2AMS-151-R2 be used for both AC and DC current measurements?