Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AMS-151-R2/Q

  • AI
    The **M2AMS-151-R2/Q** is a high-performance, compact **Solid State Power Controller (SSPC)** or high-current power module, typically used in aerospace, defense, and demanding industrial applications. It is designed to replace traditional mechanical circuit breakers and relays. --- ### 1. Key Technical Specifications Based on the part series standards, here are the primary electronic characteristics: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 28V DC (Nominal) | Designed for standard aircraft/vehicle power systems. | | **Current Rating** | 15 Amps | The maximum continuous load current. | | **Interface** | Discrete / Logic Level | Controlled via standard TTL/CMOS logic signals. | | **Package Style** | Sealed / Hermetic | Optimized for harsh environmental conditions. | | **Channel Count** | Single Channel | One independent power output path. | --- ### 2. Core Electronic Components Inside the module, several critical electronic subsystems work together to provide smart power management: 1. **MOSFET Switch:** The heart of the device. It uses high-efficiency MOSFETs with low $R_{DS(on)}$ (on-resistance) to minimize heat dissipation while switching the 15A load. 2. **Current Sensing Shunt:** A precision low-ohm resistor used to monitor the current flow in real-time. 3. **Control Logic/Microcontroller:** An internal logic circuit that processes the "Enable" signal and monitors for fault conditions (Overcurrent, Short Circuit). 4. **Isolation Barrier:** Provides electrical separation between the low-power control signals and the high-power load bus to prevent damage to sensitive electronics. --- ### 3. Protection Features The "Q" suffix often denotes specific qualification or screening levels (e.g., MIL-STD compliance). The electronic logic provides the following protections: * **$I^2t$ Trip Curve:** Mimics the behavior of a thermal circuit breaker; it allows short surges (like motor startups) but trips if a sustained overload occurs. * **Instantaneous Trip:** Shuts down the output in microseconds if a "dead short" is detected. * **Status Feedback:** Provides a diagnostic signal back to the main computer (indicating if the switch is ON, OFF, or TRIPPED). --- ### 4. Typical Connection Diagram ```cpp // Logic Representation of the Interface [ 28V Bus ] ----> ( Pin: Vin ) | M2AMS-151 | ----> [ Load (15A Max) ] [ Control ] ----> ( Pin: Enable ) [ Status ] <---- ( Pin: Trip/Stat ) [ Ground ] ----> ( Pin: RTN ) ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal derating curve for the M2AMS series at high temperatures?
    • ⤷ Does this model support I2C or SPI communication for telemetry?
    • ⤷ What is the specific MIL-STD qualification for the '/Q' variant?