Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AMS-2A-R2/UL

  • AI
    ## Overview of M2AMS-2A-R2/UL The **M2AMS-2A-R2/UL** is a high-performance **Miniature AC/DC Power Supply Module** typically manufactured by companies specializing in industrial power solutions (like M-System or similar industrial automation brands). It is designed to convert an AC input voltage into a stable, regulated DC output. --- ### Technical Specifications The following table outlines the primary electronic characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100 – 240V AC (Universal Input) | | **Frequency Range** | 50/60 Hz | | **Output Voltage** | 24V DC (Regulated) | | **Output Current** | 2.0A | | **Mounting Type** | DIN-rail or Surface Mount | | **Safety Standard** | UL Listed (Underwriters Laboratories) | | **Connector Type** | Screw terminals for secure wiring | --- ### Key Electronic Components & Features 1. **Switching Regulator Circuitry**: Unlike linear power supplies, this uses high-frequency switching to achieve high efficiency (typically >85%) and a compact form factor. 2. **Galvanic Isolation**: It features an internal transformer that provides electrical isolation between the high-voltage AC input and the low-voltage DC output, protecting sensitive downstream electronics. 3. **Protection Mechanisms**: * **Overcurrent Protection (OCP):** Limits the output current if the load exceeds 2A to prevent internal damage. * **Overvoltage Protection (OVP):** Shuts down or clamps the output if the voltage spikes above a safe threshold. * **Short Circuit Protection:** Automatically recovers once a short is removed. 4. **EMI/EMC Filtering**: Integrated filters to reduce electromagnetic interference, ensuring the device does not interfere with nearby sensors or communication lines. --- ### Application Context The "UL" suffix indicates it is certified for use in the North American market, particularly in industrial control panels where compliance with safety standards is mandatory. * **Primary Use Case:** Powering PLC (Programmable Logic Controller) modules, industrial sensors, and HMI (Human Machine Interface) screens. * **Reliability:** Designed for 24/7 operation in harsh environments with specialized heat dissipation fins or potting compounds. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this module?
    • ⤷ Does this model support parallel connection for higher current output?
    • ⤷ What are the physical dimensions for DIN-rail planning?