Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AMS-D4-R/UL

  • AI
    The **M2AMS-D4-R/UL** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is designed to accept a DC input signal and provide a standard process output while ensuring galvanic isolation between the power, input, and output circuits. --- ## 1. Technical Specifications The "D4-R/UL" suffix identifies the specific power supply, output range, and safety certifications. | Feature | Specification | | :--- | :--- | | **Model Series** | M2AMS (Ultra-slim Signal Conditioner) | | **Input Type** | DC Voltage or Current (Fixed range) | | **Output (Code D4)** | 0 – 10V DC | | **Power Supply (Code R)** | 24V DC (Operating range: 24V ±10%) | | **Safety Standard** | UL/cUL recognized (USA/Canada) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ## 2. Key Electronic Components & Design The device is built using high-reliability industrial electronics to ensure signal integrity in noisy environments. ### A. Power Supply Section (Code R) * **DC-DC Converter:** Converts the incoming 24V DC into regulated internal voltages. It provides the isolation barrier between the power source and the signal loops. * **Protection:** Includes polarity reversal protection and surge limiters to prevent damage from wiring errors. ### B. Input Stage * **Operational Amplifier (Op-Amp):** A high-precision, low-drift amplifier buffers the input signal. * **Filtering:** Low-pass RC filters are integrated to suppress high-frequency electromagnetic interference (EMI) often found in industrial settings. ### C. Isolation Barrier * **Optoisolators / Magnetic Coupling:** The signal is modulated and transmitted across a physical gap using light or magnetic induction to prevent ground loops and protect sensitive equipment from high-voltage surges. ### D. Output Stage (Code D4) * **Voltage Driver:** Specifically tuned to deliver a stable **0–10V DC** signal. * **Impedance Handling:** Designed to drive loads ≥ 10kΩ. --- ## 3. Terminal Assignments The M2AMS series typically utilizes a plug-in base or tension-clamp terminals. | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | 0–10V DC Signal | | **3 & 4** | Power (+) / (-) | 24V DC Input | | **5 & 6** | Input (+) / (-) | Source Signal (e.g., 4-20mA or 1-5V) | --- ## 4. Summary of Benefits * **Space Saving:** Only 5.9mm (0.23") wide, allowing for high-density mounting on DIN rails. * **Safety:** The **UL** marking ensures the electronics meet strict fire and electrical safety standards for the North American market. * **Noise Rejection:** 3-way isolation eliminates common-mode noise and ground loop currents that can distort sensor readings.
    ✨ Follow-up Questions
    • ⤷ What are the different input signal options available for the M2AMS series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the maximum power consumption for the M2AMS-D4-R/UL?