Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AMS2-41-R/Q

  • AI
    The **M2AMS2-41-R/Q** is a high-performance, ultra-broadband SPDT (Single Pole Double Throw) reflective switch, typically manufactured by **Mini-Circuits**. It is part of their advanced MMIC (Monolithic Microwave Integrated Circuit) line designed for high-frequency RF applications. --- ## 1. Technical Specifications The following table outlines the primary electronic characteristics of the M2AMS2-41-R/Q: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Frequency Range** | 0.05 to 40 | GHz | | **Insertion Loss** | 1.8 - 2.5 (Typical) | dB | | **Isolation** | 35 - 45 (Typical) | dB | | **Switching Time** | 20 - 50 | ns | | **Input P1dB** | +27 | dBm | | **Control Voltage** | 0 / -3.3 or 0 / -5 | V | | **Package Type** | 4x4 mm QFN | - | --- ## 2. Key Electronic Components & Architecture ### A. GaAs pHEMT Technology The core of the switch utilizes **Gallium Arsenide (GaAs) pseudomorphic High Electron Mobility Transistor (pHEMT)** technology. This allows for: * **High Linearity:** Maintaining signal integrity even at high input power. * **Wide Bandwidth:** Operating effectively from low MHz frequencies up to 40 GHz (Ka-band). ### B. Reflective Configuration As a **Reflective Switch**, when a port is in the "OFF" state, the RF energy is reflected back to the source rather than being absorbed by an internal 50Ω load. * *Advantage:* Higher power handling in the OFF state. * *Note:* The system designer must ensure that the reflected power does not damage preceding stages (like sensitive LNAs). ### C. Control Interface The part operates using negative control logic. The electronic switching is triggered by applying differential voltages to the control pins: * **Low State:** Typically 0V. * **High State:** Typically -3.3V to -5V. --- ## 3. Typical Application Schematic In a standard circuit, the part requires specific biasing and decoupling components: ```markdown [RF Input] ----> [M2AMS2-41-R/Q] ----+----> [Output 1] ^ | | +----> [Output 2] [Control Logic] | (Decoupling Capacitors) | [Ground] ``` ### Critical Implementation Notes: 1. **DC Blocking:** Since this is a GaAs MMIC, external DC blocking capacitors are required on all RF ports if DC voltage is present on the RF lines. 2. **Grounding:** The paddle at the bottom of the QFN package must be soldered to a good RF ground to ensure high isolation and heat dissipation. 3. **Bypass Capacitors:** 100pF and 0.01µF capacitors are recommended on the control lines to filter out high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the reflective and absorptive versions of this switch?
    • ⤷ Can this switch be used in 5G mmWave applications?
    • ⤷ What are the specific pinout requirements for the 4x4 mm QFN package?