Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AP-62-R/N

  • AI
    ## Overview of M2AP-62-R/N The **M2AP-62-R/N** is a specialized power supply module, commonly associated with medical imaging equipment (specifically **Shimadzu X-ray systems**). It functions as a DC-DC converter or power distribution unit designed to handle high-precision voltage regulation. --- ### Technical Specifications and Components The electronic architecture of the M2AP-62 series is built for stability and low noise to ensure that sensitive diagnostic equipment receives clean power. | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Converter / Power Supply Unit | | **Input Voltage Range** | Typically 24V DC to 48V DC (System dependent) | | **Output Type** | Multi-channel Regulated DC | | **Cooling** | Passive Heat Sinking / Forced Air (Application specific) | | **Protection Circuits** | Over-voltage (OVP), Over-current (OCP), and Thermal Shutdown | | **Manufacturer** | Shimadzu / TDK-Lambda (OEM variants) | --- ### Key Electronic Sections The unit is comprised of several critical electronic sub-systems: 1. **Input Filtering Section**: * Uses high-capacitance electrolytic capacitors and EMI filters to suppress noise from the main power bus. 2. **Switching Regulator (PWM)**: * Utilizes Pulse Width Modulation (PWM) controllers to efficiently step down or isolate voltages. 3. **Isolation Transformer**: * Provides galvanic isolation between the input source and the medical-grade output, ensuring patient safety and equipment longevity. 4. **Feedback Loop**: * Employs optoisolators and precision reference diodes (like the TL431) to maintain constant output voltage regardless of load fluctuations. --- ### Common Applications * **X-Ray Generators**: Providing logic power to control boards. * **Imaging Detectors**: Supplying stable voltage for digital sensor arrays. * **Medical Monitors**: Powering high-resolution diagnostic displays. --- ### Troubleshooting and Maintenance | Symptom | Likely Electronic Cause | | :--- | :--- | | **No Output** | Blown input fuse or failed MOSFET in the switching stage. | | **Voltage Fluctuation** | Dried-out electrolytic capacitors (high ESR). | | **Overheating** | Failed thermal interface material or blocked ventilation. |
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage rails for the M2AP-62-R/N?
    • ⤷ Is this part compatible with non-medical industrial applications?
    • ⤷ Where can I find the pinout diagram for the interface connector?