Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AS1-4111-R2/CE

  • AI
    The **M2AS1-4111-R2/CE** is a specialized electronic component, typically categorized as a **Micro-Pressure Sensor** or a **Differential Pressure Transmitter/Switch**, often used in industrial automation, HVAC systems, or medical equipment. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Overview This part is designed to convert physical pressure into an electrical signal or a switching state. | Feature | Specification Details | | :--- | :--- | | **Part Type** | Pressure Sensor / Differential Pressure Switch | | **Input Range** | Varies by sub-model (typically low-pressure ranges) | | **Output Type** | Analog (Voltage/Current) or Relay Contact | | **Power Supply** | Usually 24V DC/AC (Standard Industrial) | | **Accuracy** | High precision (often within ±1.0% to ±0.5% FS) | | **Enclosure Rating** | IP65 or equivalent (Dust/Water resistant) | | **Certification** | CE (European Conformity) | --- ### 2. Key Electronic Components The device functions through an integrated circuit (IC) assembly that includes: * **Piezoresistive Element:** The core sensing part, usually a silicon-based diaphragm that changes resistance when pressure is applied. * **Signal Conditioner:** An internal ASIC (Application-Specific Integrated Circuit) that amplifies the micro-volt signals from the sensor and compensates for temperature fluctuations. * **A/D Converter:** Converts the analog sensing data into a stable output signal. * **Protection Circuitry:** Includes Reverse Polarity Protection and Overvoltage Protection to prevent damage during installation. --- ### 3. Pinout and Connection Logic While exact wiring depends on the specific housing, the standard electronic interface follows this logic: 1. **V+ (Supply):** Positive power input. 2. **V- / GND:** Common ground. 3. **Signal Out:** The 4-20mA or 0-10V output proportional to the pressure. 4. **Common/NO/NC:** Terminal points for models equipped with a mechanical or solid-state relay. --- ### 4. Typical Applications * **Clean Room Monitoring:** Measuring the pressure difference between rooms to prevent contamination. * **Filter Monitoring:** Detecting voltage changes when a filter is clogged and air pressure drops. * **Fan Control:** Ensuring airflow in HVAC ducts. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the R2/CE variant?
    • ⤷ How do I calibrate the zero-point on this sensor?
    • ⤷ Can this sensor be used for liquid pressure or only for air/gas?