Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AS1-4342-R2/CE

  • AI
    The **M2AS1-4342-R2/CE** is a specific variant of an industrial-grade **M.2 (NGFF) SSD** (Solid State Drive), typically manufactured by companies like **Innodisk** or similar industrial storage providers. This model is designed for embedded systems, server boot drives, and automation equipment. --- ### ## Technical Specifications Overview The electronic components and performance metrics for this part number are detailed below: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (SATA) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 32GB to 64GB (Typical for this series) | | **Flash Type** | iSLC or MLC (Industrial Grade) | | **Dimensions** | 22.0mm x 42.0mm x 3.5mm | | **Operating Temp** | Standard (0°C ~ +70°C) or Wide (-40°C ~ +85°C) | --- ### ## Key Electronic Components The "brains" of the M2AS1-4342-R2/CE consist of three primary electronic segments: #### 1. The Controller The central integrated circuit (IC) manages data flow between the SATA interface and the NAND flash. * **Function:** Handles Wear Leveling, Garbage Collection, and Bad Block Management. * **Error Correction:** Usually features hardware-based ECC (Error Correction Code) to ensure data integrity over the life of the drive. #### 2. NAND Flash Memory This is where the non-volatile data is stored. * **iSLC Technology:** Many models in this series use "iSLC," which is a firmware-level optimization of MLC (Multi-Level Cell) flash to mimic the endurance and speed of SLC (Single-Level Cell) at a lower cost. * **Durability:** High P/E (Program/Erase) cycles, making it suitable for write-intensive industrial applications. #### 3. Power Management Circuitry * **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot to the internal voltages required by the NAND and Controller. * **Power-Cycle Management:** Includes capacitors or firmware triggers to prevent data corruption during sudden power loss (iData Guard or similar technologies). --- ### ## Pinout Configuration (M.2 B+M Key) This device uses the SATA pinout configuration for M.2, which differs from NVMe (PCIe) drives. ```yaml Pin Mapping: - Pins 1-11: Ground and Power (3.3V) - Pins 12-19: Reserved / NC - Pins 20-39: SATA Transmit/Receive Differential Pairs - Pins 40-75: Device management and Configuration pins ``` --- ### ## Environmental and Reliability Features 1. **Shock/Vibration Resistance:** Designed to withstand high-G environments common in factory automation. 2. **Thermal Sensor:** Integrated electronic sensor that allows the host system to monitor the drive's health via S.M.A.R.T. commands. 3. **Conformal Coating (Optional):** Some "CE" variants may include a chemical coating to protect electronic components from moisture and dust.
    ✨ Follow-up Questions
    • ⤷What is the TBW (Total Bytes Written) rating for this specific SSD model?
    • ⤷ Can this SATA M.2 drive be used in a PCIe NVMe-only slot?
    • ⤷ Does this model support hardware-based AES encryption?