M2AS1-4344-R/N
AI

The **M2AS1-4344-R/N** is a specific variant of a high-performance **M.2 SSD (Solid State Drive)** connector manufactured by **LOTES**. This component is primarily used on motherboards and daughtercards to interface with M.2 modules (such as NVMe SSDs or Wi-Fi cards).
---
## 1. Technical Specifications
The part number encodes specific physical and electrical characteristics. Below is the breakdown of its primary electronic features:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF - Next Generation Form Factor) |
| **Pin Count** | 67 Pins |
| **Pitch** | 0.50 mm |
| **Keying** | **M-Key** (Standard for PCIe x4 NVMe SSDs) |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Height** | 4.3mm (Standard Profile) |
| **Plating** | Gold Flash or Selective Gold plating on contacts |
---
## 2. Key Electronic Components & Design
### A. Contact Materials and Plating
* **Base Material:** Copper Alloy (usually phosphor bronze), chosen for high conductivity and mechanical resilience.
* **Plating:** The "R/N" suffix often denotes specific RoHS compliance and plating thickness. Gold plating is used on the contact points to prevent oxidation and ensure low contact resistance over multiple mating cycles (typically rated for 60-100 cycles).
### B. Signal Integrity
* **High-Speed Differential Pairs:** The pin layout is designed to support high-frequency signals required for **PCIe Gen 3, Gen 4, and Gen 5** protocols.
* **Impedance Control:** The internal geometry of the 67 pins is strictly controlled to maintain a differential impedance of **85Ω to 100Ω**, minimizing signal reflection and EMI (Electromagnetic Interference).
### C. Power Delivery
* The connector allocates specific pins for **3.3V power rails**.
* Current rating is typically **0.5A per pin**, allowing the SSD to draw sufficient power during high-speed write operations without overheating the connector interface.
---
## 3. Physical Attributes (M2AS1-4344-R/N)
* **Height (4.3mm):** This indicates the "connector height," which determines the clearance between the module and the PCB. A 4.3mm height is common in desktop motherboards and some laptops to allow for components to be placed underneath the M.2 card.
* **Mechanical Solder Pegs:** The "R/N" series usually includes metal solder tabs on the sides. These are not electrically active for signals but are soldered to the PCB ground plane to provide mechanical stability and a discharge path for ESD (Electrostatic Discharge).
---
## 4. Application Context
The **M-Key** configuration specifically supports:
1. **PCIe x4 Lanes:** Enabling high-speed NVMe data transfer.
2. **SATA Interface:** Though becoming less common, many M-Key slots are backwards compatible.
3. **SMBus / I2C:** For sideband communication and thermal monitoring.
- ⤷
What are the differences between M-Key and B-Key M.2 connectors?
- ⤷
How does the 4.3mm height affect PCB thermal management?
- ⤷
Can this connector support PCIe Gen 5 speeds reliably?