M2AS1-5121-R2/N
AI

The **M2AS1-5121-R2/N** is a high-performance **M.2 Solid State Drive (SSD)** manufactured by **Innodisk**. This specific model belongs to the **M2AS1** series, which is designed for industrial, embedded, and server applications where reliability and power loss protection are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm length) |
| **Interface** | SATA III 6.0 Gb/s |
| **Capacity** | 512 GB |
| **Flash Type** | 3D TLC (Triple-Level Cell) |
| **Controller** | Industrial Grade Integrated Controller |
| **External DRAM** | Yes (DRAM Buffer included) |
| **Operation Temp** | Standard Grade (0°C ~ +70°C) |
---
### 2. Major Electronic Subsystems
The internal architecture of this part consists of several critical electronic components:
#### A. The Flash Controller
This is the "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. In this model, the controller is optimized for the **SATA III** protocol, ensuring backward compatibility with older industrial boards.
#### B. 3D TLC NAND Flash
The storage medium consists of 3D TLC layers. Unlike consumer drives, Innodisk uses industrial-grade bins for these chips to ensure a higher **TBW (Total Bytes Written)** and better data retention under constant workloads.
#### C. DRAM Cache
The "5121" in the part number indicates the integration of a dedicated DDR cache chip. This chip stores the **L2P (Logical-to-Physical) mapping tables**, significantly increasing random read/write speeds compared to DRAM-less SSDs.
#### D. iPower Guard & iData Guard
The circuitry includes specialized capacitors and voltage monitoring sensors to protect against:
* **Inrush Current:** Preventing damage during hot-plugging.
* **Power Volatility:** Ensuring that "data in flight" is not corrupted if the system loses power suddenly.
---
### 3. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M2AS1** | M.2 SATA III 2280 Series |
| **512** | 512 GB Capacity |
| **1** | Indicates specific hardware revision or DRAM configuration |
| **R2** | Generation/Revision 2 (Updated firmware/components) |
| **N** | Specific sorting/packaging or firmware variant |
---
### 4. Application Areas
Due to its robust design, this part is commonly found in:
1. **Industrial PCs (IPC):** For OS booting and logging.
2. **Automation:** CNC machines and PLC controllers.
3. **Medical Equipment:** Reliable storage for imaging and patient data.
4. **Edge Computing:** High-speed data caching.
- ⤷
What is the endurance rating (TBW) for the M2AS1 series?
- ⤷ Does this model support AES 256-bit hardware encryption?
- ⤷ Is there a wide-temperature version of this specific SSD?