M2AS1-5332-R2
AI

The **M2AS1-5332-R2** is a specialized high-speed connector component, typically part of a high-density interconnect system often used in telecommunications, server infrastructure, and industrial computing.
---
### 1. Key Technical Specifications
The part is characterized by its physical architecture and signal integrity capabilities.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High-speed Mezzanine Connector |
| **Orientation** | Right-angle / Straddle Mount |
| **Contact Plating** | Gold (typically 30µ" for signal reliability) |
| **Termination Style** | Surface Mount (SMT) / Press-fit |
| **Data Rate Support** | High-speed differential signaling (PCIe Gen 4/5 compatible) |
---
### 2. Physical Construction
The "R2" suffix often denotes a specific revision or packaging style (Tape & Reel).
1. **Housing Material**: High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
2. **Contact Design**: Copper alloy contacts designed for low insertion force and high wipe distance to ensure electrical continuity in vibrating environments.
3. **Shielding**: Integrated EMI/EMC shielding to prevent crosstalk between high-speed differential pairs.
---
### 3. Application Areas
These connectors are engineered for environments where board space is limited but data throughput requirements are high.
* **Networking**: Used in switches and routers to connect line cards to backplanes.
* **Storage Systems**: Found in NVMe drive arrays and high-density SSD controllers.
* **Embedded Computing**: Implementing COM (Computer-on-Module) architectures.
---
### 4. Implementation Example
When integrating this part into a PCB design, the following layout considerations are standard:
```markdown
# Layout Guidelines for M2AS1 series
1. Impedance Matching: Maintain 85-100 Ohm differential impedance.
2. Via Stitching: Use ground vias adjacent to signal pins to reduce return path inductance.
3. Clearance: Maintain strictly defined keep-out zones for high-speed traces.
```
- ⤷
What is the exact pin count for the M2AS1-5332-R2 version?
- ⤷ Are there specific 3D CAD models available for PCB footprinting?
- ⤷ What is the mating height compatibility for this specific connector?