M2AS1-5442-R/Q
AI

The **M2AS1-5442-R/Q** typically refers to a high-speed, high-density connector interface, often utilized in networking and telecommunications equipment. This specific part number follows the nomenclature for **QSFP (Quad Small Form-factor Pluggable) or SFP+** style interconnect systems.
---
### 1. Key Technical Specifications
Based on the standard architecture for this series, here are the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMT (Surface Mount Technology) Connector |
| **Pin Count** | 38 Positions (Standard for QSFP) |
| **Pitch** | 0.8 mm |
| **Data Rate Support** | Optimized for 10 Gbps up to 28 Gbps per channel |
| **Mounting Orientation** | Right Angle |
| **Plating** | Gold (typically 15μ" or 30μ") over Nickel |
---
### 2. Functional Breakdown
The part is divided into several functional zones to ensure high-speed signal integrity:
1. **High-Speed Differential Pairs:**
* Designed with specific impedance control (usually **100Ω**) to minimize signal reflection in Ethernet or Fibre Channel applications.
2. **Low-Speed Control Signals:**
* Dedicated pins for I2C communication (SDA/SCL), ModSelL (Module Select), and ResetL (Reset).
3. **Power & Grounding:**
* Multiple ground pins integrated between high-speed pairs to reduce **Crosstalk (NEXT/FEXT)** and provide EMI shielding.
4. **Mechanical Features:**
* The "R/Q" suffix often denotes specific packaging (Tape & Reel) or compliance ratings (RoHS/Halogen-Free).
---
### 3. Application Use-Cases
This component is found in hardware that requires massive data throughput:
* **Network Switches/Routers:** Connecting the main PCB to optical transceivers.
* **Data Centers:** High-density server blades and storage arrays.
* **Medical Imaging:** High-bandwidth data transfer between processing units.
---
### 4. Layout Considerations
When designing a PCB for this part, engineers must follow strict layout guidelines:
```c
// Design Constraints for High-Speed Signal Integrity
#define DIFF_IMPEDANCE 100 // Target 100 Ohms
#define MAX_SKEW_PS 5 // Intra-pair skew limit in picoseconds
#define VIA_STUBS MIN // Minimize via stubs to prevent resonance
```
- ⤷
What is the recommended PCB footprint for the M2AS1 series?
- ⤷ How does this connector handle EMI/EMC shielding?
- ⤷ What are the specific differences between the -R and -Q suffixes?