Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AS1-A331-R/Q

  • AI
    The **M2AS1-A331-R/Q** refers to a high-performance **Step-Servo Motor** (Integrated Motor + Encoder + Drive) typically manufactured by companies like **MOONS' Industries**. This part belongs to the **M2 Series**, which combines a high-resolution encoder and a digital driver with a stepper motor to create a "closed-loop" system, preventing the loss of steps common in traditional open-loop steppers. --- ## 1. Technical Specifications Breakdown The alphanumeric code represents specific hardware attributes of the unit: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Frame Size** | NEMA 17 (42mm) | Standard mounting footprint for 3D printers and medical devices. | | **Control Type** | Step-Servo (Closed Loop) | Uses encoder feedback to ensure positioning accuracy. | | **Input Voltage** | 12 - 48 VDC | Wide range DC input for various power supplies. | | **Communication** | RS-485 / Modbus RTU | The "R/Q" suffix usually denotes the communication protocol. | | **Encoder Resolution** | 20,000 counts/rev | High-resolution feedback for smooth motion. | | **Protection** | IP20 / IP65 (Variant dependent) | Basic protection against dust; "Q" versions often imply enhanced logic. | --- ## 2. Key Electronic Components The unit is an "Integrated" motor, meaning three distinct electronic systems are housed within one chassis: ### A. The Power Stage (Drive) * **MOSFET H-Bridge:** High-efficiency transistors that switch the DC power to the motor phases. * **Current Sensing:** Integrated shunts that monitor the current in real-time to adjust torque and reduce heat (Stall Detection). ### B. The Feedback System (Encoder) * **Optical/Magnetic Encoder:** Unlike standard steppers, this unit tracks its own shaft position. If an external force moves the motor, the electronics will automatically compensate to return to the target position. ### C. The Control Logic (Microcontroller) * **DSP/MCU:** A digital signal processor runs the PID loops for position, velocity, and torque. * **Communication Interface:** The **RS-485** physical layer allows for "daisy-chaining" multiple motors on a single bus, reducing wiring complexity. --- ## 3. Wiring and Connectivity (Typical) | Pin/Wire Type | Function | Notes | | :--- | :--- | :--- | | **V+ / GND** | Power Input | Main DC supply (usually 24V or 48V recommended). | | **A / B / Z** | Encoder Out | Differential signals for external monitoring (optional). | | **RS-485+ / RS-485-** | Communication | Used for Modbus RTU or proprietary SCL commands. | | **I/O Pins** | Digital In/Out | Can be used for Home sensors, Limit switches, or E-Stops. | --- ## 4. Operational Advantages 1. **No Tuning:** Unlike traditional AC Servos, these usually work out of the box with high "stiffness." 2. **Low Heat:** Because it is closed-loop, it only draws the current required for the load, whereas open-loop steppers draw full current constantly. 3. **No Loss of Step:** If the motor stalls, it triggers an alarm signal to the PLC rather than continuing to "ghost" move.
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS-485 communication parameters for this motor?
    • ⤷ What is the difference between the 'R' and 'Q' versions in this specific model series?
    • ⤷ Can this motor be used with a standard 3D printer controller board?