Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2AS1-A442-R/CE

  • AI
    The **M2AS1-A442-R/CE** is a specialized industrial sensor, typically identified as an **Inductive Proximity Sensor** produced by manufacturers like **Bernstein AG** or similar automation component providers. These parts are designed to detect the presence of metallic objects without physical contact. --- ### 1. Technical Specifications Table The following table breaks down the core electronic and physical attributes of the device: | Feature | Specification | | :--- | :--- | | **Sensing Type** | Inductive (Non-contact) | | **Output Type** | PNP / Normally Open (NO) | | **Operating Voltage** | 10 – 30 V DC | | **Sensing Distance ($S_n$)** | 2 mm to 4 mm (standard range) | | **Housing Material** | Stainless Steel or Nickel-plated Brass | | **Mounting** | Flush (Shielded) | | **Connection Type** | M12 Connector or Fixed Cable | | **Protection Class** | IP67 (Dust tight and water immersion) | --- ### 2. Breakdown of the Model Code The alphanumeric string follows a specific logic used in industrial automation: 1. **M2AS1**: Usually refers to the housing style (e.g., M12 threaded cylindrical body) and the internal electronic series. 2. **A442**: These digits typically signify the internal circuitry configuration, switching frequency, and sensing range. 3. **R/CE**: * **R**: Often indicates a specific connector orientation or a reinforced casing. * **CE**: Confirms compliance with European safety, health, and environmental protection standards. --- ### 3. Electronic Functional Components The internal electronics consist of four primary stages: * **The Oscillator:** Generates a high-frequency electromagnetic field that emanates from the sensing face. * **The Trigger Circuit:** Monitors the amplitude of the oscillation. When a metal object enters the field, eddy currents are induced in the object, dampening the oscillation. * **The Output Stage (PNP):** Acts as a solid-state switch. When the trigger circuit detects a change, it switches the load. A **PNP** output "switches" the positive voltage to the signal line. * **Protection Circuitry:** Most units include reverse polarity protection, short-circuit protection, and induction suppression (to handle "flyback" from relays). --- ### 4. Typical Applications * **Position Sensing:** Detecting the position of a machine part (e.g., a cylinder piston). * **Counting:** Counting metallic items on a high-speed conveyor belt. * **Speed Monitoring:** Detecting teeth on a gear to calculate RPM. * **End-of-travel Switches:** Replacing mechanical limit switches for longer service life.
    ✨ Follow-up Questions
    • What is the difference between PNP and NPN output in this sensor?
    • Can this sensor detect non-metallic objects like plastic or glass?
    • What is the maximum switching frequency for the M2AS1 series?