M2CE-14-R2/UL
AI

The **M2CE-14-R2/UL** is a specific electronic component typically categorized as a **modular connector** or **multi-pin circular connector** often used in industrial automation, sensor interfaces, and power distribution systems.
Below is a breakdown of its technical specifications and electronic characteristics.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Circular / Modular Connector |
| **Pin Configuration** | 14 Pins (Contacts) |
| **Mounting Style** | Panel Mount / Rear Mount (indicated by 'R') |
| **Compliance** | UL (Underwriters Laboratories) Recognized |
| **Housing Material** | High-grade thermoplastic or nickel-plated brass |
| **Contact Plating** | Usually Gold or Silver over Copper alloy |
---
### Core Electronic Characteristics
#### 1. Contact Arrangement and Signal Integrity
The 14-pin layout is designed for high-density signal transmission. In electronic circuits, this allows for:
* **Multiplexing:** Handling multiple sensor inputs through a single interface.
* **Low Resistance:** The internal pins are engineered for low contact resistance to prevent voltage drops across the connection.
#### 2. Electrical Ratings
While specific amperage depends on the wire gauge used, typical ratings for this class of connector include:
* **Voltage Rating:** Often rated for 250V to 600V (depending on insulation spacing).
* **Current Rating:** Generally between 2A to 7A per contact.
* **Dielectric Strength:** Capable of withstanding high-voltage spikes without arcing between adjacent pins.
#### 3. Environmental Protection (R2 Variant)
The "R2" designation often refers to a specific revision or a secondary locking mechanism. From an electronic protection standpoint, these parts usually offer:
* **IP Rating:** Protection against dust and moisture ingress (often IP67).
* **EMI/RFI Shielding:** If the housing is metallic, it acts as a Faraday cage to protect sensitive signals from electromagnetic interference.
---
### Common Applications
1. **Robotics:** Connecting control units to multi-axis motors.
2. **PLCs:** Interface modules for Programmable Logic Controllers.
3. **Medical Equipment:** High-reliability power and data transmission.
---
- ⤷What is the maximum current rating per pin for the M2CE-14-R2/UL?
- ⤷ What are the specific wiring requirements for UL compliance with this connector?
- ⤷ How does the R2 revision differ from the standard R1 model?