M2PV-C1S2-R
AI

The **M2PV-C1S2-R** is a specific model number for an external NVMe/SATA M.2 SSD enclosure, typically manufactured by **ORICO**. It is designed to bridge the gap between internal M.2 storage and a USB interface.
Below is a breakdown of the electronic components and technical specifications of this device.
---
### 1. Core Technical Specifications
This device acts as a protocol converter, allowing high-speed data transfer between different bus types.
| Feature | Specification |
|:---|:---|
| **Primary Chipset** | Realtek RTL9210B (Commonly used in this series) |
| **Interface (Internal)** | M.2 M-Key / B+M Key |
| **Interface (External)** | USB 3.1 Gen2 Type-C |
| **Supported Protocols** | NVMe (PCIe) and SATA (NGFF) |
| **Transfer Speed** | Up to 10Gbps (NVMe) / 6Gbps (SATA) |
| **Max Capacity** | Usually supports up to 2TB - 4TB |
---
### 2. Key Electronic Components
The functionality of the M2PV-C1S2-R relies on several critical electronic subsystems:
#### A. The Bridge Controller (The "Brain")
The heart of the device is usually the **Realtek RTL9210B**. This is a high-performance bridge chip that handles:
* **Dual Protocol Support:** It detects whether the inserted drive is NVMe or SATA and switches signals accordingly.
* **UASP & TRIM Support:** Electronic commands that optimize data transfer speeds and extend the lifespan of the SSD.
#### B. Power Management Circuitry
Since M.2 NVMe drives can be power-hungry, the PCB (Printed Circuit Board) includes:
* **DC-to-DC Converters:** Steps down the 5V provided by the USB port to the 3.3V required by M.2 SSDs.
* **Over-current Protection (OCP):** Prevents the SSD or the host computer from being damaged in case of a short circuit.
#### C. Thermal Management Components
Electronic parts generate heat during high-speed transfers. The "PV" in the model name often refers to the **Performance/Ventilation** design:
* **Thermal Pad:** A silicone-based interface that conducts heat from the SSD controller to the aluminum housing.
* **Fin-style Heat Sink:** The external aluminum shell acts as a passive radiator.
---
### 3. Physical Compatibility
The electronic pinout on the internal PCB supports various physical lengths of M.2 modules:
* **2230** (30mm)
* **2242** (42mm)
* **2260** (60mm)
* **2280** (80mm)
---
### 4. Connectivity and Indicators
* **LED Indicator:** A small SMD (Surface Mount Device) LED on the PCB indicates power status (solid) and data activity (flashing).
* **Sleep Mode Logic:** The firmware on the controller chip is programmed to enter "Sleep Mode" after 10 minutes of inactivity to reduce electronic wear and power consumption.
- ⤷
What is the difference between the RTL9210 and RTL9210B chipsets used in these enclosures?
- ⤷ Does this enclosure support M.2 PCIe Gen 4 SSDs at their full speed?
- ⤷ How do I update the firmware on an ORICO M2PV enclosure?