Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2RT-32-R/CE

  • AI
    The **M2RT-32-R/CE** is a specific industrial control component, typically identified as a **high-density relay terminal module**. These modules are used to interface Programmable Logic Controllers (PLCs) or DCS systems with field devices, providing electrical isolation and switching capabilities. Below is a detailed breakdown of its electronic parts and technical characteristics. --- ## 1. Core Component Specifications The "32-R" in the part number indicates a **32-channel relay** configuration. | Feature | Specification Details | | :--- | :--- | | **Channel Count** | 32 Independent Channels | | **Output Type** | Electromagnetic Relay (Mechanical) | | **Contact Form** | Usually 1a (Normally Open) per channel | | **Rated Voltage** | Typically 24V DC (Coil side) | | **Switching Capacity** | 2A to 5A per channel (Load dependent) | | **Isolation** | Optocoupler/Photocoupler + Mechanical Relay | --- ## 2. Key Electronic Parts & Sub-assemblies ### A. The Switching Elements (Relays) The board is populated with 32 miniature power relays. These are the primary actuators. * **Function:** Provides physical separation between the low-power control signal (PLC) and the high-power load (Motor starters, valves). * **Characteristics:** Low contact resistance and high surge endurance. ### B. Protection Circuitry To ensure longevity and prevent back-EMF damage, the module includes: * **Flyback Diodes (Freewheeling Diodes):** Connected across each relay coil to suppress voltage spikes when the coil is de-energized. * **Varistors/Snubber Circuits:** Often included on the contact side to prevent arcing when switching inductive loads. ### C. Interface and Wiring * **Input Connector:** High-density ribbon cable header (e.g., MIL-C-83503) used to connect directly to the PLC output card via a single cable. * **Output Terminals:** Screw or spring-clamp terminals for field wiring (the "CE" designation often implies compliance with European safety standards for terminal spacing and insulation). ### D. Visual Diagnostics * **LED Indicators:** 32 individual SMD LEDs (usually green or red) that indicate the "ON/OFF" status of each specific channel, allowing for rapid troubleshooting. --- ## 3. Circuit Operation Flow 1. **Signal Input:** A 24V DC signal arrives from the PLC via the high-density connector. 2. **Opto-Isolation:** The signal often passes through an optocoupler to protect the PLC's internal circuitry from external noise. 3. **Coil Activation:** The current flows through the relay coil, creating a magnetic field. 4. **Contact Closure:** The mechanical armature moves, closing the output circuit to power the field device. 5. **Status Feedback:** The integrated LED lights up in parallel with the coil activation. --- ## 4. CE Compliance Features The **"CE"** suffix indicates that the electronic design meets specific European directives: * **Low Voltage Directive (LVD):** Ensures safe insulation distances between the 24V control side and the 230V load side. * **EMC Directive:** The board is designed to minimize electromagnetic interference and withstand external electrical noise.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the mechanical relays in this module?
    • ⤷ Can the M2RT-32-R be used with AC input signals
    • ⤷ or is it DC only?
    • ⤷ What specific PLC brands are compatible with the high-density input connector?