AI

The **M2RTS-R-3D-R/CE** is a high-performance, compact remote I/O module from the **M2 Series** by **M-System (now MG CO., LTD)**. This specific model is an electronic component designed for industrial automation, specifically for interfacing between field signals and a network.
Below is a breakdown of its technical specifications and electronic architecture.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the electronic capabilities:
| Segment | Identification | Description |
| :--- | :--- | :--- |
| **M2RTS** | Model Type | Remote I/O Module (Thermocouple Input) |
| **-R** | Power Input | 24V DC |
| **-3** | Network Interface | Modbus / RS-485 |
| **-D** | Input Type | Thermocouple (Multiple types supported) |
| **-R/CE** | Option / Compliance | /R: Removable terminal block; /CE: CE marking compliant |
---
### 2. Core Electronic Specifications
The module functions as a signal conditioner and digitizer. It converts low-level millivolt signals from thermocouples into digital data transmitted over a bus.
#### Electrical Input (Field Side)
* **Sensor Compatibility:** Supports Thermocouple types K, E, J, T, B, R, S, C, N, and U.
* **Burnout Protection:** Upscale or Downscale (configurable).
* **Cold Junction Compensation (CJC):** Integrated sensor within the terminal block to maintain accuracy.
#### Communication (Network Side)
* **Protocol:** Modbus-RTU.
* **Physical Layer:** RS-485 (Half-duplex).
* **Baud Rate:** Up to 38.4 kbps.
* **Transmission Distance:** Maximum 500 meters.
#### Power & Isolation
* **Supply Voltage:** 24V DC (±10%).
* **Current Consumption:** Approx. 40 mA.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground).
---
### 3. Internal Components and Logic
The unit's internal circuitry is divided into three primary functional blocks:
1. **Analog Front End (AFE):** Contains high-precision A/D converters (typically 16-bit) and noise filtering circuits to handle sensitive thermocouple signals in noisy industrial environments.
2. **Microprocessor Block:** Manages the linearization of thermocouple curves, performs CJC calculations, and handles the Modbus stack logic.
3. **Isolation Barrier:** Uses optoisolators and miniature transformers to ensure the high-voltage transients on the field side do not damage the PLC or communication network.
---
### 4. Connectivity Table
| Terminal No. | Assignment | Function |
| :--- | :--- | :--- |
| 1 - 2 | Input + / - | Thermocouple Connection |
| 3 - 4 | NC | No Connection |
| 5 - 6 | RS-485 (A/B) | Communication Bus |
| 7 - 8 | Power Supply | 24V DC Input |
- ⤷
How do I configure the Modbus address for this module?
- ⤷ What is the maximum accuracy error for Type K thermocouples on this unit?
- ⤷ Does this model support mounting on a standard DIN rail?