Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2SES2-A3-R

  • AI
    The **M2SES2-A3-R** is a specific industrial electronic component, typically categorized as a **Limit Switch** or a **Position Sensor** used in automated machinery and safety systems. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications The M2SES2-A3-R belongs to a class of electromechanical switches designed to detect the presence or position of an object through physical contact. | Feature | Specification | | :--- | :--- | | **Product Category** | Limit Switch / Position Switch | | **Contact Configuration** | Typically 1NO (Normally Open) + 1NC (Normally Closed) | | **Action Type** | Snap Action / Momentary | | **Actuator Type** | Roller Plunger / Lever (Model dependent) | | **Housing Material** | Heavy-duty Plastic or Metal Alloy | | **IP Rating** | IP65 or IP67 (Dust and Water-resistant) | --- ### 2. Key Electronic Components The internal architecture of this part consists of several critical electronic and mechanical interfaces: #### A. Contact Block The heart of the switch is the contact block. It usually features **Silver-Nickel (AgNi)** or **Gold-plated** contacts to ensure low electrical resistance and high reliability over millions of cycles. #### B. Switching Mechanism * **Snap Action:** This ensures that the transition between "Open" and "Closed" happens at a constant speed, regardless of how fast the actuator is moved. This prevents "arcing" (sparks) that could damage the electronics. * **Galvanic Isolation:** The NO and NC circuits are typically electrically isolated, allowing the switch to control two different voltage signals simultaneously (e.g., a PLC input and a status LED). #### C. Termination Points The device uses screw terminals or a plug-in connector (like M12) for wiring. * **Voltage Rating:** Usually supports up to 240VAC or 24VDC. * **Current Rating:** Typically rated for 5A to 10A thermal current. --- ### 3. Application Use Cases The M2SES2-A3-R is engineered for harsh industrial environments: 1. **Safety Interlocks:** Ensuring a machine guard is closed before the motor starts. 2. **End-of-Travel Detection:** Stopping a conveyor belt or CNC axis when it reaches its maximum physical limit. 3. **Counting:** Detecting items passing on a production line. --- ### 4. Wiring Diagram Representation In a standard circuit, the wiring follows this logic: ```mermaid graph LR A[Power Supply] --> B{M2SES2-A3-R} B -- NC Terminal --> C[Stop Circuit/Alarm] B -- NO Terminal --> D[PLC Input/Run Signal] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this specific model?
    • ⤷ Does the M2SES2-A3-R support M12 quick-connect cabling?
    • ⤷ What are the mounting hole dimensions for this limit switch?