M2UDS2-20-R2/CE
AI

The **M2UDS2-20-R2/CE** is a high-performance, DIN-rail mounted signal conditioner (specifically a **Universal Dual-Output Isolator**) manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard process signals.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Model Series** | M2 (Mini-M) Series |
| **Input Type** | Universal (DC Current or Voltage) |
| **Output 1 & 2** | Selectable (Current/Voltage) |
| **Power Input** | 100 – 240V AC |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail |
| **Certification** | CE Marking |
---
### 2. Core Electronic Components & Architecture
The device is composed of several critical electronic stages that ensure signal integrity and safety in industrial environments:
#### A. Input Conditioning Stage
* **A/D Converter:** Converts the analog input signal (e.g., 4-20mA or 0-10V) into a digital format for processing.
* **Precision Resistors:** Used for current-to-voltage conversion at the input terminals with high thermal stability.
#### B. Galvanic Isolation (The "Isolator" Core)
* **Optical or Magnetic Coupling:** Uses optoisolators or transformers to transfer signal data across a physical gap. This prevents "ground loops" and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
#### C. Signal Processing & Output
* **Microprocessor/Logic:** Handles the linear scaling and calibration of the signal.
* **D/A Converters:** Two separate Digital-to-Analog converters drive the dual outputs independently.
* **Operational Amplifiers (Op-Amps):** Used to buffer and scale the final output signals to ensure they can drive the required load impedance.
#### D. Power Supply Unit (PSU)
* **Switching Regulator:** An internal AC/DC converter that steps down the 100-240V AC mains power to low-voltage DC (typically 5V or 12V) required for the internal circuitry.
---
### 3. Terminal Connection Diagram (General)
```text
[ Input ] [ Power ] [ Output ]
Terminals Terminals Terminals
(1) (+) <---In--- (4) L (+) (9) Out 1 (+)
(2) (-) (5) N (-) (10) Out 1 (-)
(11) Out 2 (+)
(12) Out 2 (-)
```
---
### 4. Functional Benefits
1. **Dual Output:** Allows one sensor signal to be sent to two different devices (e.g., a local display and a remote PLC) simultaneously without signal loss.
2. **Noise Rejection:** High Common Mode Rejection Ratio (CMRR) filters out electromagnetic interference (EMI) common in industrial plants.
3. **Space Saving:** The "Mini-M" housing is extremely compact, allowing for high-density installation on DIN rails.
- ⤷What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How do I configure the input range using the internal DIP switches?
- ⤷ What are the specific differences between the R and R2 versions of this unit?