Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2UDS2-FWB-R2

  • AI
    The **M2UDS2-FWB-R2** is a specific model of an Industrial Display/Touch Monitor, typically used in embedded systems, kiosks, or industrial automation. It is characterized by its ruggedized electronic design and specific interface protocols. --- ### Core Electronic Specifications The following table highlights the primary electronic and hardware components: | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | Active Matrix TFT-LCD | Liquid crystal display with thin-film transistors for high-speed switching. | | **Touch Interface** | USB / RS232 | Dual-mode communication for touch coordinate data. | | **Input Voltage** | 12V DC (Typical) | Regulated power input designed for industrial power supplies. | | **Video Signal** | VGA / DVI / HDMI | Supports analog and digital differential signaling for video input. | | **Backlight Unit** | LED Driver | Integrated constant current driver for high-efficiency backlighting. | --- ### Key Electronic Sub-Systems #### 1. The AD Board (Analog-to-Digital Converter) The heart of the monitor is the **AD Controller Board**. Its primary electronic functions include: * **Scaling:** Adjusting incoming video signals to fit the native resolution of the TFT panel. * **OSD Control:** Circuitry for the On-Screen Display (Brightness, Contrast, etc.). * **Power Management:** Converting the main DC input into lower voltages (e.g., 3.3V, 5V) for the internal logic chips. #### 2. Touch Screen Controller The "UDS" in the part number often refers to the touch integration. Electronics include: * **Digitizer IC:** Processes analog capacitance or resistance changes into digital XY coordinates. * **Noise Filtering:** Industrial-grade shielding to prevent EMI (Electromagnetic Interference) from affecting touch accuracy. #### 3. Backlight Inverter/Driver Unlike consumer monitors, this part features a rugged **LED Driver board** designed to: * Maintain constant brightness despite fluctuations in input voltage. * Support PWM (Pulse Width Modulation) for dimming. --- ### Environmental & Durability Ratings The electronic parts are selected based on industrial standards: * **Thermal Tolerance:** Components are rated for wider temperature ranges than standard PC monitors. * **MTBF (Mean Time Between Failures):** High-quality capacitors and solid-state components ensure a long operational lifespan (often >50,000 hours). ---
    ✨ Follow-up Questions
    • ⤷ What is the native resolution and aspect ratio for the M2UDS2-FWB-R2?
    • ⤷ Does this model support multi-touch gestures via the USB interface?
    • ⤷ What are the specific power consumption ratings for this display?