Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M2VF-40-R

  • AI
    The **M2VF-40-R** is a specific model of an **M2 Series Converter** (Transmitter) manufactured by **M-System**. It is primarily used in industrial automation for signal conditioning, specifically converting a DC voltage or current input into a standardized DC output. --- ### 1. General Specifications The model code `M2VF-40-R` can be broken down into its functional components: | Component Code | Description | | :--- | :--- | | **M2** | Series Name (Plug-in Signal Conditioners) | | **VF** | Function: **V-shape Variable Output** (or Variable Filter/Adjustment) | | **40** | Input/Output Signal Configuration (Typically 4-20mA or 0-10V ranges) | | **R** | Power Input: **24V DC** | --- ### 2. Key Electronic Components & Internal Workings The internal circuitry of this device is designed for precision and isolation. Here are the primary electronic sections: #### A. Signal Isolation (Optical/Transformer) To prevent ground loops and protect sensitive PLC/DCS equipment, the M2VF uses a 3-way isolation scheme: * **Input-to-Output** * **Input-to-Power** * **Output-to-Power** * *Dielectric Strength:* Usually rated at 2000V AC for 1 minute. #### B. Signal Processing (Operational Amplifiers) The core of the unit contains high-precision Op-Amps that scale the input signal. The "VF" designation often refers to units capable of handling non-linear conversions or specific adjustments via: * **Zero Adjustment:** Potentiometer for calibrating the 0% signal. * **Span Adjustment:** Potentiometer for calibrating the 100% signal. #### C. Power Management Since the "R" suffix indicates 24V DC power, the internal board contains: * **Switching Regulator:** Converts the 24V input into stable internal rails (+15V, -15V, or 5V). * **Protection Diodes:** Prevents damage from reverse-polarity power connections. --- ### 3. Technical Parameters Table | Parameter | Specification (Typical) | | :--- | :--- | | **Standard Input** | 4 – 20 mA DC or 0 – 10 V DC | | **Output Range** | 0 – 10 V DC / 4 – 20 mA DC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Housing Material** | Flame-resistant resin (Black) | | **Mounting** | Surface or DIN rail (using a socket) | --- ### 4. Connection Diagram (Standard Pinout) The M2VF series typically uses an 8-pin or 11-pin socket. ```text Pin 1: Output (+) Pin 2: Output (-) Pin 4: Input (+) Pin 5: Input (-) Pin 7: Power (+) [24V DC] Pin 8: Power (-) [0V] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the 8-pin and 11-pin socket versions?
    • ⤷ How do I calibrate the Zero and Span pots on the M2VF-40-R?
    • ⤷ Can this model be used to convert a frequency signal to a voltage signal?