AI

## Technical Overview: M34C02-RMB6P
The **M34C02-RMB6P** is a specific type of EEPROM (Electrically Erasable Programmable Read-Only Memory) designed primarily for use in DRAM modules (like DDR2, DDR3) to store Configuration Data (SPD - Serial Presence Detect). It is manufactured by **STMicroelectronics**.
---
### 1. Key Specifications
The following table outlines the core electronic parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 x 8 bits) |
| **Interface** | $I^2C$ Serial Interface (Standard, Fast Mode) |
| **Operating Voltage** | 1.7V to 3.6V (Low Voltage) |
| **Clock Frequency** | 400 kHz |
| **Package Type** | UFDFPN8 (MLP8) - 2x3mm Ultra-thin |
| **Write Cycles** | 1,000,000 cycles |
| **Data Retention** | 40 Years |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components
The internal electronic structure consists of several functional blocks:
* **EEPROM Array:** A 2-Kbit non-volatile storage area divided into two halves.
* **Control Logic:** Manages the $I^2C$ protocol, including START/STOP conditions and device addressing.
* **Write Protection Mechanism:**
* **Software Protection:** The first 128 bytes can be permanently locked (Read-Only) to protect SPD data.
* **Hardware Protection:** Controlled via the Write Control (WC) pin.
* **Address Inputs (E0, E1, E2):** These pins allow up to eight M34C02 devices to be connected to the same $I^2C$ bus by assigning a unique hardware address to each.
---
### 3. Pin Configuration
The "MB6P" suffix refers to the **UFDFPN8** package. The typical pinout is as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address Inputs) |
| 4 | $V_{SS}$ | Ground |
| 5 | SDA | Serial Data (Bidirectional) |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control (Hardware Protection) |
| 8 | $V_{CC}$ | Supply Voltage |
---
### 4. Application Context
The "M34" series is specialized for the computing industry. Unlike standard 24C02 EEPROMs, the M34C02 includes specific **Permanent Write Protection (PWP)** features required by JEDEC standards for memory modules. This ensures that once the RAM timing parameters are written by the manufacturer, they cannot be accidentally overwritten or corrupted by the end-user's system.
---
- ⤷
What is the difference between M34C02 and a standard 24C02 EEPROM?
- ⤷ How does the Software Write Protection (SWP) function in this specific chip?
- ⤷ Can the M34C02-RMB6P be used in 5V logic systems?