M3A26FBD-R
AI

The **M3A26FBD-R** is a specific surface-mount component, typically classified as a **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) or a specialized power management chip, often utilized in automotive and high-reliability industrial applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part is generally associated with power switching and regulation. Here is a summary of its typical parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | N-Channel Power MOSFET |
| **Package Type** | DPAK (TO-252) or similar Surface Mount |
| **Drain-Source Voltage ($V_{DSS}$)** | 30V - 60V (Varies by specific revision) |
| **Continuous Drain Current ($I_D$)** | 20A - 50A |
| **RDS(on)** | Low resistance (typically < 10 mΩ) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Electronic Features
#### A. Low On-Resistance (RDS(on))
The device is designed to have extremely low resistance when in the "ON" state. This minimizes power dissipation as heat, making it highly efficient for high-current applications.
#### B. High-Speed Switching
It features low gate charge ($Q_g$), allowing the transistor to switch between states rapidly. This is crucial for:
* **PWM (Pulse Width Modulation)** control.
* **DC-DC Converters**.
* **Switching Power Supplies**.
#### C. Thermal Performance
The "R" suffix often denotes high thermal reliability. The package is designed to dissipate heat through the PCB (Printed Circuit Board) copper planes, ensuring stability under heavy loads.
---
### 3. Pin Configuration (Typical DPAK)
Standard MOSFETs in this series usually follow a 3-terminal layout:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Drain (D):** Connected to the load (usually the large tab for heat dissipation).
3. **Source (S):** Connected to the ground or negative supply.
---
### 4. Typical Applications
The M3A26FBD-R is commonly found in the following electronic circuits:
* **Automotive ECUs:** Powering sensors and actuators.
* **Motor Drivers:** Controlling DC brushless motors.
* **Battery Management Systems (BMS):** Serving as a protection switch to prevent over-discharge.
* **Computing:** Voltage regulator modules (VRMs) for CPUs or GPUs.
---
### 5. Part Number Breakdown (Convention)
* **M3A:** Manufacturer-specific series code.
* **26:** Often refers to the voltage or current rating code.
* **FBD:** Package and lead-frame style identifier.
* **-R:** Indicates "RoHS Compliant" and/or "Tape and Reel" packaging for automated assembly.
- ⤷
What are the equivalent cross-reference parts for the M3A26FBD-R?
- ⤷ Can you provide a circuit diagram for a motor controller using this MOSFET?
- ⤷ What is the maximum operating temperature for this component?