Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3A61FCD-R

  • AI
    The **M3A61FCD-R** is a specific electronic component identifier, most commonly associated with **LCD/LED display modules** (specifically timing controllers or driver boards) or individual **integrated circuits (ICs)** produced by manufacturers like Renesas or NEC. Below is a breakdown of the electronic characteristics and technical context typically associated with this part. --- ## 1. Component Identification Based on industrial naming conventions, this part number often refers to a **Microcontroller (MCU)** or a specialized **ASIC** used in display electronics. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Often Renesas Electronics (or legacy NEC) | | **Part Type** | Integrated Circuit (IC) | | **Package Type** | LQFP (Low-profile Quad Flat Package) or TQFP | | **Application** | Consumer Electronics, Display Drivers, Timing Control (T-CON) | --- ## 2. Key Electronic Sections If the M3A61FCD-R is functioning as a controller/driver, its internal architecture generally consists of the following electronic parts: ### A. Voltage Regulators & Power Management * **VCC/VDD Pins:** Requires stabilized DC input (usually 3.3V or 1.8V). * **Grounding (VSS):** Multiple ground pins to minimize electronic noise. * **Decoupling Capacitors:** Small ceramic capacitors are placed near these pins on the PCB to filter out high-frequency noise. ### B. Logic and Processing Core * **Instruction Decoder:** Processes commands sent from the main system CPU. * **SRAM (Static RAM):** Used for buffering pixel data or storing temporary variables during calculations. * **Clock Circuitry:** An internal oscillator or an external crystal connection (OSC_IN/OSC_OUT) to synchronize high-speed data transfers. ### C. Interface Ports (I/O) * **I2C / SPI Bus:** Low-speed serial interfaces for sending configuration settings to the chip. * **LVDS/Parallel Data Rails:** High-speed differential pairs used to send video signal data to the display panel. * **PWM (Pulse Width Modulation):** Used for controlling backlight brightness levels. --- ## 3. Physical Characteristics As an "R" suffix component, it usually denotes specific packaging or temperature ratings. * **Pin Count:** Usually 48, 64, or 100 pins depending on the specific series. * **Lead-Free Compliance:** Modern variants are RoHS compliant (Lead-free). * **Material:** Thermoplastic body with tin-plated copper leads. --- ## 4. Common Failure Points In a circuit involving the M3A61FCD-R, electronic failure usually occurs due to: 1. **Thermal Stress:** Overheating due to poor ventilation in thin display housings. 2. **Electrostatic Discharge (ESD):** Damage to the sensitive I/O pins during assembly or repair. 3. **Voltage Spikes:** Failure of the external voltage regulator providing power to the IC.
    ✨ Follow-up Questions
    • ⤷Which manufacturer specifically produces the M3A61FCD-R for modern displays?
    • ⤷ Is there a datasheet available for the pinout configuration of this IC?
    • ⤷ What are the typical operating voltage ranges for this component?