Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3A75TAG-R

  • AI
    The **M3A75TAG-R** is a specific variant of an industrial-grade motherboard, typically part of the **Axiomtek** or similar industrial computing lines, built on the **AMD 785G + SB710** chipset. It is designed for reliability in embedded systems, POS terminals, and automation. --- ### 1. Core Component Specifications The following table highlights the primary electronic sub-systems of the M3A75TAG-R: | Component | Specification | Details | | :--- | :--- | :--- | | **CPU Socket** | Socket AM3 | Supports AMD Phenom™ II / Athlon™ II / Sempron™ processors. | | **Chipset** | AMD 785G + SB710 | Northbridge handles graphics/PCIe; Southbridge handles I/O. | | **Memory Slots** | 2 x 240-pin DDR3 DIMM | Supports Dual Channel DDR3 800/1066/1333 MHz. | | **Integrated GPU** | ATI Radeon HD 4200 | Integrated into the Northbridge; supports DX10.1. | | **Power Input** | 24-pin ATX + 4-pin 12V | Standard industrial power distribution. | --- ### 2. Detailed Electronic Sub-Systems #### A. Power Regulation (VRM) The board utilizes a multi-phase **Voltage Regulator Module (VRM)** to convert 12V power from the PSU into the lower voltages (approx. 0.8V - 1.5V) required by the AM3 processor. * **Capacitors:** Usually features high-quality solid capacitors for longevity in high-temperature industrial environments. * **MOSFETs:** Low RDS(on) MOSFETs are used to reduce heat dissipation. #### B. Connectivity & I/O Controllers Unlike consumer boards, this model focuses on legacy and industrial connectivity: * **Super I/O Chip:** (Typically Winbond or ITE) Manages serial ports (RS-232/422/485), hardware monitoring, and the PS/2 interface. * **Ethernet Controllers:** Usually equipped with Realtek or Intel Gigabit Ethernet PHYs connected via the PCIe bus. * **Audio Codec:** Integrated Realtek ALC series for High Definition audio output. #### C. Storage Interfaces * **SATA II:** Controlled by the SB710 Southbridge, supporting data rates up to 3Gb/s. * **CompactFlash (Optional):** Many industrial variants of this board include a CF slot on the underside or edge for diskless OS booting. --- ### 3. Expansion and Signal Routing The layout is optimized for a **Micro-ATX** or specialized form factor: * **PCI Express:** 1 x PCIe x16 slot for discrete graphics or high-speed FPGA cards. * **Legacy PCI:** Often includes 1 or 2 standard PCI slots for older industrial interface cards. * **Video Outputs:** Typically features VGA (Analog) and DVI or HDMI (Digital) driven by the 785G chipset. --- ### 4. Technical Pinout Example (General Headers) ```markdown Typical Internal Header Pinout: 1. COM Port Headers (RS-232) 2. USB 2.0 Internal Headers 3. GPIO (General Purpose Input/Output) - 8-bit common in industrial boards 4. Digital I/O connectors ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M3A75TAG-R in an industrial setting?
    • ⤷ Does this motherboard support ECC memory for data integrity?
    • ⤷ How do I configure the RS-232/422/485 jumpers on this board?