Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3E61XPX-R

  • AI
    The **M3E61XPX-R** is a specific technical part number, typically associated with specialized electronic cooling systems or industrial fan components (often manufactured by companies like EBM-Papst or similar thermal management firms). Below is an overview of the electronic and mechanical characteristics typical of this component series. --- ### 1. General Specifications The part belongs to a class of **EC (Electronically Commutated) Motor** assemblies, which integrate power electronics directly into the motor housing to allow for high efficiency and speed control. | Feature | Description | | :--- | :--- | | **Motor Type** | EC Motor (Brushless DC with AC input) | | **Protection Class** | Typically IP54 or IP55 (Dust/Splash resistant) | | **Input Phase** | Single-phase or 3-phase (depending on exact sub-configuration) | | **Control Interface** | 0-10V DC / PWM / RS485 Modbus | --- ### 2. Key Electronic Components The "XPX" designation usually refers to the internal drive electronics. The system is comprised of the following modules: #### A. Integrated Controller Unlike standard AC motors, this part contains a built-in **Inverter**. It rectifies the incoming AC voltage to DC and then uses a microprocessor to switch the power to the motor windings, optimizing energy consumption. #### B. Commutation Electronics * **Hall Sensors:** Used to detect the rotor position for precise timing. * **IGBTs/MOSFETs:** High-power switches that drive the motor phases. #### C. Interface & Signaling * **Tacho Output:** Provides a digital signal (pulses per revolution) to an external controller to monitor RPM. * **Soft Start:** Internal circuitry limits the inrush current when the device is powered on to protect the electrical grid. --- ### 3. Safety and Protective Features The electronics are designed to be "self-protecting" to prevent hardware failure. * **Locked-Rotor Protection:** If the fan is physically obstructed, the electronics will cut power to prevent the coils from burning out. * **Over-Temperature Protection:** Internal thermal sensors throttle the speed or shut down the unit if the drive electronics exceed safe operating temperatures. * **Under-Voltage Detection:** Ensures the logic circuit does not operate in an unstable state if line voltage drops. --- ### 4. Technical Comparison: AC vs. EC (M3E Series) The "M3E" prefix indicates an Electronically Commutated motor, which offers significant advantages over traditional AC induction motors. | Feature | Traditional AC Motor | M3E Series (EC) | | :--- | :--- | :--- | | **Efficiency** | 20% - 60% | Up to 90% | | **Speed Control** | Requires external VFD | Integrated (0-10V/PWM) | | **Heat Generation** | High | Low | | **Noise Level** | Standard | Reduced (due to optimal commutation) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage input requirements for the M3E61XPX-R?
    • ⤷ How do I wire the 0-10V control signal for speed adjustment?
    • ⤷ Does this model support Modbus RTU communication for remote monitoring?