Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3H33FBD-R

  • AI
    ## Overview of the M3H33FBD-R The **M3H33FBD-R** is a high-performance microcontroller unit (MCU) from Toshiba’s **TXZ+™ Family Advanced Series**, based on the **Arm® Cortex®-M3** core. It is designed for low-power consumption and high-speed data processing, making it ideal for consumer electronics and industrial automation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP64 (10mm x 10mm) | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Core Functional Blocks #### A. Processor & Memory * **Arm® Cortex®-M3 Core:** Offers a balance between 32-bit performance and energy efficiency. Includes a Nested Vectored Interrupt Controller (NVIC) for low-latency interrupt handling. * **Code Flash:** 128 KB for program storage with a high-endurance rating. * **Data Flash:** 32 KB dedicated for data storage (EEPROM replacement). #### B. Peripheral Interfaces The M3H33FBD-R is equipped with diverse communication protocols: * **UART:** Up to 4 channels for asynchronous communication. * **I2C:** 2 channels for sensor and peripheral interfacing. * **TSPI (Serial Peripheral Interface):** 3 channels supporting high-speed synchronous data transfer. #### C. Analog Components * **12-bit ADC:** Features 12 input channels with a conversion speed of approximately 1.0 $\mu$s. * **DAC:** 2-channel 8-bit digital-to-analog converter for waveform generation. #### D. Control & Timers * **T32A (32-bit Timer Event Counter):** 8 channels used for PWM output, interval timers, and input capture. * **Watchdog Timer (WDT):** Ensures system reliability by resetting the MCU in case of software hangs. --- ### 3. Application Use Cases Due to its wide voltage range and robust peripheral set, it is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners, and microwave ovens. 2. **Industrial Equipment:** Small-scale motor control and sensor hubs. 3. **Consumer Devices:** Remote controllers and smart office gadgets. --- ### 4. Sample Initialization Code (C-CMSIS) To initialize a basic GPIO pin on this family of MCUs, the code structure typically follows the CMSIS standard: ```c #include "TXZ33.h" void GPIO_Init(void) { /* Enable Clock for Port B */ TSB_CG_FSYSENA_IPENB = 1; /* Set PB0 as Output */ TSB_PB->CR = 0x01; /* Set PB0 to High */ TSB_PB->DATA = 0x01; } ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption modes available for the M3H33FBD-R?
    • ⤷ How does the TXZ+ series compare to the previous TXZ series in terms of performance?
    • ⤷ Does this MCU support motor control specific peripherals like Vector Engine?