Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3H52FBD-R

  • AI
    The **M3H52FBD-R** belongs to the Renesas **M3H Group** (part of the TXZ+ Family Advanced Series). It is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core, specifically designed for industrial equipment, home appliances, and motor control applications. --- ### 1. Core Technical Specifications The device is engineered for high-speed data processing and robust peripheral integration. | Feature | Specification | |:---|:---| | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB (Code) + 32 KB (Data) | | **RAM** | 66 KB (including 2 KB of Backup RAM) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Key Internal Components The "Electronic Parts" or internal peripherals of this MCU are categorized by their functionality: #### A. Analog-to-Digital Conversion (ADC) * **High-Speed ADC:** Features two units of 12-bit ADC with a conversion speed of approx. 1.0 $\mu$s. * **Triggering:** Supports synchronized sampling, making it ideal for measuring current and voltage in motor inverters. #### B. Motor Control Peripherals (A-PMD) * **Advanced Programmable Motor Control (A-PMD):** This is a specialized timer unit capable of 3-phase PWM output with dead-time insertion. It can automatically shut down outputs in response to an external "Emergency Stop" signal. #### C. Communication Interfaces The M3H52FBD-R is equipped with various industry-standard protocols: * **UART/SIO:** Up to 8 channels. * **I2C:** 4 channels (Support for Standard, Fast, and Fast-mode Plus). * **TSPI (Serial Peripheral Interface):** 4 channels for high-speed synchronous communication. #### D. System Functions * **DMA Controller:** Reduces CPU load by transferring data between peripherals and memory independently. * **Clock Generator:** Internal High-speed Oscillator (IHOSC) eliminates the need for external crystals in some low-cost designs. * **Watchdog Timer (WDT):** Provides system reliability by resetting the MCU if software hangs. --- ### 3. Part Number Decoder The suffix **-R** indicates the packaging/shipping style (typically "Reel"). ```text M3H 5 2 F B D - R | | | | | | | | | | | | | +-- Reel Packaging | | | | | +------ Package Type (D = LQFP100) | | | | +-------- RAM Size (B = 64KB + 2KB) | | | +---------- Flash Size (F = 512KB) | | +------------ Performance Grade (2 = 120MHz) | +-------------- Pin Count (5 = 100-114 pins) +----------------- Group Name (M3H Series) ``` --- ### 4. Typical Application Circuit Components To build a system with the M3H52FBD-R, you generally require these external electronic parts: 1. **Decoupling Capacitors:** 0.1$\mu$F ceramic capacitors near every $V_{DD}$ pin. 2. **Crystal Oscillator:** (Optional) 8MHz - 12MHz for high-precision timing. 3. **Reset Circuit:** A pull-up resistor on the RESET pin. 4. **Voltage Regulator:** To provide a stable 5V or 3.3V rail.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption profiles for this MCU in deep sleep mode?
    • ⤷ Does this model support CAN bus communication?
    • ⤷ How does the A-PMD timer differ from standard PWM timers?