Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M3H67TAG-R

  • AI
    ## Overview of M3H67TAG-R The **M3H67TAG-R** is a specific industrial-grade motherboard or system board typically found in All-in-One (AIO) PCs or thin-client systems, often associated with manufacturers like Wistron or Mitac. It is designed based on the **Intel H67 chipset**, which supports the 2nd Generation Intel Core processors (Sandy Bridge). --- ### Core Specifications & Components The following table breaks down the primary electronic components and interfaces found on this board: | Component Type | Specification / Description | | :--- | :--- | | **Chipset** | Intel H67 Express Chipset | | **CPU Socket** | LGA 1155 (Supports Sandy Bridge i3/i5/i7) | | **Memory** | 2x DDR3 SO-DIMM slots (Laptop style RAM) | | **Form Factor** | Thin Mini-ITX (Proprietary layout) | | **Storage** | SATA 3.0 (6Gb/s) and SATA 2.0 ports | | **Expansion** | 1x Mini PCIe (usually for Wi-Fi), 1x mSATA slot | | **Power Delivery** | DC-In (19V) - Usually powered via external brick | --- ### Key Electronic Sub-Systems #### 1. Power Regulation (VRM) Unlike standard ATX motherboards that use a 24-pin connector, the M3H67TAG-R typically utilizes an onboard **DC-to-DC converter**. * **Input:** Single 19V DC jack. * **Conversion:** Buck converters (Step-down) reduce the 19V to 12V, 5V, 3.3V, and the VCore (CPU voltage) required for the components. #### 2. Networking and Connectivity The board integrates several ICs (Integrated Circuits) to handle external I/O: * **Ethernet:** Usually powered by a Realtek or Intel Gigabit Ethernet controller. * **Audio:** Realtek ALC series High Definition Audio codec for internal speakers and jack detection. * **USB:** Native USB 2.0 support from the H67 chipset; some revisions may include a third-party NEC/Renesas controller for USB 3.0. #### 3. Display Outputs Since this board is often used in AIO systems, it features: * **LVDS/eDP Connector:** A high-density pin header used to connect the motherboard directly to an LCD panel. * **HDMI/VGA:** External ports for secondary monitor support. --- ### Comparison with Standard H67 Boards | Feature | M3H67TAG-R (Thin ITX) | Standard H67 (Micro-ATX) | | :--- | :--- | :--- | | **Power Supply** | External DC Adapter | Internal ATX PSU | | **RAM Type** | SO-DIMM (Small) | DIMM (Large) | | **Profile** | Low profile (20mm height) | Full height | --- ### Maintenance Note If you are repairing this board, pay close attention to the **Capacitors**. Being an older Sandy Bridge era board, the electrolytic capacitors near the CPU socket are the most common points of failure due to heat aging.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU models for the LGA 1155 socket on this board?
    • ⤷ Can this motherboard be mounted in a standard Mini-ITX PC case?
    • ⤷ Where can I find the BIOS update or pinout diagram for the LVDS connector?