M3V13TJ-R
AI

The **M3V13TJ-R** is a specific electronic component typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**, manufactured by companies such as *MtronPTI*. It is designed for high-frequency stability and precision timing in telecommunications and data processing equipment.
---
## 1. Technical Specifications
Below are the primary electronic characteristics associated with the M3V series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL |
| **Frequency Range** | Usually between 1.000 MHz and 160.000 MHz |
| **Supply Voltage (Vcc)** | 3.3V (standard for the '3' series) |
| **Package Type** | 5x7 mm Surface Mount Device (SMD) |
| **Stability** | ±20ppm to ±100ppm (depending on variant) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
## 2. Component Breakdown
The part number follows a specific nomenclature used by manufacturers like MtronPTI:
* **M3V**: Identifies the product series (3.3V VCXO).
* **13**: Refers to the stability and operating temperature range.
* **T**: Denotes the output type (e.g., Tight Symmetry / HCMOS).
* **J**: Refers to the pullability (the ability to adjust the frequency via control voltage).
* **-R**: Indicates Compliance with **RoHS** (Lead-Free) regulations.
---
## 3. Key Electronic Features
### A. Voltage Control Function
Unlike a standard crystal oscillator, the "V" in M3V indicates it is **Voltage Controlled**.
* **Control Voltage Pin:** By applying a voltage (usually 0V to 3.3V) to Pin 1, the output frequency can be "pulled" or tuned slightly.
* **Application:** This is essential for Phase-Locked Loops (PLLs) to synchronize clock signals between different circuits.
### B. Internal Circuitry
Inside the ceramic SMD package, the component consists of:
1. **Quartz Crystal Resonator:** The mechanical heart providing the frequency reference.
2. **Varactor Diode:** Used to change the capacitance in response to the control voltage, thus shifting the frequency.
3. **IC Buffer:** Ensures the output signal (HCMOS) has clean rise/fall times and sufficient drive strength for the PCB traces.
---
## 4. Typical Applications
* **Telecommunications:** Base stations and SONET/SDH clocks.
* **Video Equipment:** Digital broadcast systems requiring frame synchronization.
* **Data Communications:** Modems and routers.
* **Frequency Synthesis:** Part of a larger timing circuit to generate specific frequencies.
- ⤷
What is the pinout configuration for the 5x7mm M3V series?
- ⤷ How does the 'pullability' range affect signal synchronization?
- ⤷ What are the alternatives to HCMOS output for this type of oscillator?