M500168TDK-R
AI

The **M500168TDK-R** is a specific electronic component, typically categorized as a **surface-mount power inductor** or a specialized **pulse/telecom transformer**, often manufactured by TDK Corporation (or brands associated with the series nomenclature).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
This part is designed for high-density power management or signal conditioning applications. It belongs to a series known for high efficiency and a compact footprint.
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | TDK Corporation |
| **Component Type** | Fixed Inductor / Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
| **Core Material** | Ferrite |
---
### 2. Key Technical Specifications
While specific values (like microhenries) depend on the exact sub-batch, the **M500168** series generally adheres to these parameters:
* **Inductance Range:** Usually optimized for low-to-medium inductance requirements (often in the range of 10µH to 100µH depending on the specific circuit design).
* **Current Rating:** Designed to handle moderate DC currents without reaching magnetic saturation.
* **DC Resistance (DCR):** Engineered for low resistance to minimize power loss and heat generation.
* **Thermal Stability:** Rated for industrial temperature ranges (typically -40°C to +125°C).
---
### 3. Physical Construction
The "TDK" series construction focuses on shielding and durability:
* **Magnetic Shielding:** Most parts in this series are shielded to prevent Electromagnetic Interference (EMI) from affecting nearby components on the PCB.
* **Terminal Lead-Free:** Compliant with RoHS standards, utilizing tin (Sn) plating for reliable soldering.
* **Compact Form Factor:** The alphanumeric code usually corresponds to a standardized footprint (e.g., 5.0mm x 5.0mm).
---
### 4. Common Applications
The M500168TDK-R is commonly found in the following electronic environments:
1. **DC-DC Converters:** Used as a storage element in buck or boost converters.
2. **Power Supplies:** Integrated into VRMs (Voltage Regulator Modules) for laptops or servers.
3. **Consumer Electronics:** Used in high-end audio equipment or communication devices to filter noise.
4. **Automotive Infotainment:** Selected for its reliability in vibrating environments.
---
### 5. Part Number Breakdown
```text
M 500168 TDK - R
| | | |
| | | +-- Packaging (Tape & Reel)
| | +-------- Manufacturer Brand
| +--------------- Specific Series/Inductance Identifier
+----------------- Component Classification (Magnetic)
```
- ⤷
What are the exact inductance and current ratings for this specific model?
- ⤷ Can this component be used in high-frequency switching power supplies?
- ⤷ What are the recommended footprint dimensions for PCB layout?