Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M500178TPK-R

  • AI
    The **M500178TPK-R** (commonly referred to by its core component, the **M500178**) is a specialized power module, typically manufactured by companies like Mitsubishi Electric. It is primarily used in industrial power electronics, specifically within motor control and power conversion systems. --- ## 1. Technical Specifications The device is categorized as an **IPM (Intelligent Power Module)** or a high-power Darlington transistor module depending on the specific revision. Below are the typical technical parameters for this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Power Module | Integrated semiconductor device | | **Max Voltage ($V_{CES}$)** | 600V - 1200V | Maximum collector-emitter voltage | | **Current Rating ($I_C$)** | 30A - 75A | Continuous collector current | | **Configuration** | 6-Pack / Bridge | Integrated multi-phase topology | | **Package Type** | TPK / Case Style | High-thermal conductivity molding | | **RoHS Status** | R-Suffix | Indicates "RoHS Compliant" | --- ## 2. Internal Architecture The "Intelligent" aspect of the module means it integrates more than just the raw switching transistors. It typically contains: ### A. Power Switches * **IGBTs/Transistors:** High-speed switching components that handle the load. * **Freewheeling Diodes (FWD):** Connected in anti-parallel to protect against inductive spikes. ### B. Control Circuitry * **Gate Drive:** Internal circuits that convert low-level logic signals to the high-current pulses needed to switch the power transistors. * **Protection Logic:** * **OC (Over-Current):** Shuts down the module if a short circuit is detected. * **UV (Under-Voltage):** Protects against insufficient gate drive voltage. * **OT (Over-Temperature):** Integrated thermal sensors to prevent meltdown. --- ## 3. Pinout and Connectivity While specific pin maps depend on the TPK casing, the connections are generally divided into two groups: 1. **High Power Terminals:** * `P` (Positive DC Bus) * `N` (Negative DC Bus) * `U, V, W` (Three-phase output to the motor) 2. **Low Power Control Pins:** * `Vcc` (Logic supply) * `Vin` (PWM input signals for U, V, W phases) * `FO` (Fault Output signal to the main microcontroller) --- ## 4. Common Applications Due to its robust thermal management and integrated protection, the M500178TPK-R is found in: * **AC Motor Drives:** Inverters for industrial automation. * **HVAC Systems:** Variable frequency drives (VFD) for large compressors. * **Servo Drives:** High-precision motion control. * **Uninterruptible Power Supplies (UPS):** Power stage for DC-to-AC conversion. --- ## 5. Implementation Example (Pseudo-Logic) To control the module, a microcontroller (like an STM32 or Arduino) sends PWM signals to the input pins: ```c // Example: Simplified PWM control logic for a Power Module void motor_control_loop() { int pwm_duty = calculate_pid(); // Send signals to M500178TPK-R Input Pins analogWrite(PIN_U_HIGH, pwm_duty); analogWrite(PIN_V_HIGH, pwm_duty); analogWrite(PIN_W_HIGH, pwm_duty); // Monitor Fault Pin if(digitalRead(PIN_FAULT) == LOW) { emergency_stop(); // Shutdown due to Over-current or Heat } } ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the M500178TPK-R module?
    • ⤷ How does the FO (Fault Output) signal behave during an over-temperature event?
    • ⤷ Can this module be used for single-phase motor control applications?